Electronic Components Datasheet Search
  English  ▼

X  

TPS38 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TPS38
Description  TPS38-Q1 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function for Automotive
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS38 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TPS38 Datasheet HTML 27Page - Texas Instruments TPS38 Datasheet HTML 28Page - Texas Instruments TPS38 Datasheet HTML 29Page - Texas Instruments TPS38 Datasheet HTML 30Page - Texas Instruments TPS38 Datasheet HTML 31Page - Texas Instruments TPS38 Datasheet HTML 32Page - Texas Instruments TPS38 Datasheet HTML 33Page - Texas Instruments TPS38 Datasheet HTML 34Page - Texas Instruments TPS38 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
10 Power Supply Recommendations
These devices are designed to operate from an input supply with a voltage range between 1.4 V (VPOR) to 65 V
(max operation). Good analog design practice recommends placing a minimum 0.1 µF ceramic capacitor as near
as possible to the VDD pin.
10.1 Power Dissipation and Device Operation
The permissible power dissipation for any package is a measure of the capability of the device to pass heat from
the power source, the junctions of the IC, to the ultimate heat sink, the ambient environment. Thus, the power
dissipation is dependent on the ambient temperature and the thermal resistance across the various interfaces
between the die junction and ambient air.
The maximum continuous allowable power dissipation for the device in a given package can be calculated using
Equation 12:
PD-MAX = ((TJ-MAX – TA) / RθJA)
(12)
The actual power being dissipated in the device can be represented by Equation 13:
PD = VDD × IDD+pRESET
(13)
pRESET is calculated by Equation 14 or Equation 15
pRESET (PUSHPULL) = VDD - VRESET x IRESET
(14)
pRESET (OPEN-DRAIN) = VRESET x IRESET
(15)
Equation 12 and Equation 13 establish the relationship between the maximum power dissipation allowed due to
thermal consideration, the voltage drop across the device, and the continuous current capability of the device.
These two equations should be used to determine the optimum operating conditions for the device in the
application.
In applications where lower power dissipation (PD) and/or excellent package thermal resistance (RθJA) is
present, the maximum ambient temperature (TA-MAX) may be increased.
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum
ambient temperature (TA-MAX) may have to be de-rated. TA-MAX is dependent on the maximum operating junction
temperature (TJ-MAX-OP = 125°C), the maximum allowable power dissipation in the device package in the
application (PD-MAX), and the junction-to ambient thermal resistance of the part/package in the application (RθJA),
as given by Equation 16:
TA-MAX = (TJ-MAX-OP – (RθJA × PD-MAX))
(16)
www.ti.com
TPS38-Q1
SNVSBI8C – AUGUST 2020 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TPS38-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com