Electronic Components Datasheet Search
  English  ▼

X  

SN6507 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN6507
Description  SN6507 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN6507 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN6507 Datasheet HTML 9Page - Texas Instruments SN6507 Datasheet HTML 10Page - Texas Instruments SN6507 Datasheet HTML 11Page - Texas Instruments SN6507 Datasheet HTML 12Page - Texas Instruments SN6507 Datasheet HTML 13Page - Texas Instruments SN6507 Datasheet HTML 14Page - Texas Instruments SN6507 Datasheet HTML 15Page - Texas Instruments SN6507 Datasheet HTML 16Page - Texas Instruments SN6507 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
VCC
GND
SW1
SW2
R
LIM
C
SS
I
L
GND
EN/UVLO
DC
CLK
SR
SS/ILIM
VCC
R
DC
C
OUT
C
IN
R
CLK
R
LOAD
I
LOAD
Figure 8-3. Schematic with duty cycle control
The calculation of DC pin resistor is shown in Equation 1, where both RDC and RCLK are in kΩ.
RDC=0.816×D×VCC× RCLK+1 −1
(1)
For fixed oscillator cases where RCLK is shorted to GND, a value of RCLK = 9.6kΩ should be used in the equation
above to calculate RDC.
The duty cycle control can compensate for input variation up to ±35%, where line regulation within ±5% can be
achieved. To achieve this range, it is recommended that duty cycle at nominal VIN is centered at 25% (D = 0.25).
The transformer turns ratio needs take this duty cycle into calculation to ensure the expected output voltage level
at all VIN voltages, as discussed in Section 9.2.2.5.
The duty cycle control features supports up to a certain duty cycle and VIN range. The minimum duty cycle is
determined by the charge and discharge time of the gate capacitance of Power FETs, while the maximum duty
cycle is limtied by the dead time (70 ns typical). For example, at 1 MHz, the adjustable duty cycle is between
10% and 43%. Exceeding above duty cycle range, the line regulation may saturate and input compensation does
not work anymore. Meanwhile, if the duty cycle is lower than the minimum spec, the part may hit current limit at
heavy loads. The VIN range that duty cycle feature is applicable is from 6 V to 36 V.
To enable the duty cycle control feature, an inductor is required on the output side. The selection of the output
inductor should make sure the inductor current will not go into discountinous conduction mode (DCM), meaning
the inductor current ramp should not drop to zero at any time. The minimum inductance LMIN is therefore
calculated by the conditions that the part stays in continuous conduction mode (CCM) where the load DC current
is smaller than half the current ramp amplitude seen on the inductor. Therefore LMIN is a function of the load
current and switching frequency as shown by below equation where Iload is in A, fSW is in Hz, D is the duty cycle
as a decimal (for 25% duty cycle, 0.25 would be used), and Lmin is in H.
LMIN=VOUT×1−2×D× VIN TYP/VIN MAX
4×ILOAD MIN×fSW
(2)
www.ti.com
SN6507
SLLSFM0A – MARCH 2022 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN6507



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com