Electronic Components Datasheet Search
  English  ▼

X  

SN6507 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # SN6507
Description  SN6507 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN6507 Datasheet(HTML) 23 Page - Texas Instruments

Back Button SN6507 Datasheet HTML 19Page - Texas Instruments SN6507 Datasheet HTML 20Page - Texas Instruments SN6507 Datasheet HTML 21Page - Texas Instruments SN6507 Datasheet HTML 22Page - Texas Instruments SN6507 Datasheet HTML 23Page - Texas Instruments SN6507 Datasheet HTML 24Page - Texas Instruments SN6507 Datasheet HTML 25Page - Texas Instruments SN6507 Datasheet HTML 26Page - Texas Instruments SN6507 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
9.2.2.2 LDO Selection
SN6507 is an open-loop transformer driver without load regulation capability. The output voltage may vary over a
wide range load current. Therefore, if a high-accuracy, load independent supply is required, the implementation
of a low dropout regulator (LDO) on the output side is strongly advised.
The minimum requirements for a suitable low dropout regulator are:
• Its current drive capability should slightly exceed the specified load current of the application to prevent the
LDO from dropping out of regulation. Therefore, for a load current of 200 mA, choose a 200 mA to 300 mA
LDO. While regulators with higher drive capabilities are acceptable, they also usually possess higher dropout
voltages that will reduce overall converter efficiency.
• The internal dropout voltage, VDO, at the specified load current should be as low as possible to maintain
efficiency. For a low-cost 300 mA LDO, a VDO of 600 mV at 300 mA is common. Be aware; however, that
this lower value is usually specified at room temperature and can increase by a factor of 2 over temperature,
which in turn will raise the required minimum input voltage.
• The required minimum input voltage preventing the regulator from dropping out of line regulation is given
with:
VI-min = VDO-max + VO-max
(5)
This means in order to determine VI for worst-case condition, the user must take the maximum values for VDO
and VO specified in the LDO data sheet for rated output current (that is, 200 mA) and add them together. Also
specify that the output voltage of the push-pull rectifier at the specified load current is equal or higher than
VI-min. If it is not, the LDO will lose line-regulation and any variations at the input passes straight through to
the output. Hence, below VI-min the output voltage follows the input and the regulator behaves like a simple
conductor.
• The maximum regulator input voltage must be higher than the rectifier output under no-load. Under this
condition there is no secondary current reflected back to the primary, thus making the voltage drop across
RDS-on negligible and allowing the entire converter input voltage to drop across the primary. At this point, the
secondary reaches its maximum voltage of
VS-max = VIN-max × N
(6)
with VIN-max as the maximum converter input voltage and n as the transformer turns ratio. Thus to prevent the
LDO from damage the maximum regulator input voltage must be higher than VS-max. Table 9-2 lists the maximum
secondary voltages for various turns ratios commonly applied in push-pull converters.
Table 9-2. Required Maximum LDO Input Voltages for Various Push-Pull Configurations
PUSH-PULL CONVERTER
LDO
CONFIGURATION
VIN-max [V]
TURNS-RATIO (N)
VS-max [V]
VI-max [V]
24 VIN to 15 VOUT
25
1.38:1
18
25
12 VIN to 15 VOUT
12.5
1:1.5
19
25
9.2.2.3 Diode Selection
A rectifier diode should always possess low-forward voltage to provide as much voltage to the converter output
as possible. However, when SN6507 is used in high-frequency switching applications, the diode must also
possess a low total capacitance, a short recovery time and a current rating greater than the load current.
Schottky diodes meet these requirements and are therefore strongly recommended in SN6507 push-pull
converter designs.
The necessary diode reverse voltage rating, VR, is determined by the transformer secondary side voltage plus
any voltage ringing. The voltage ringing, however, is difficult to predict, because it depends on multiple factors,
such as loop resistance, the leakage inductance of the transformer, and the diode junction capacitance. As a rule
of thumb, the diode voltage rating should be greater than 1.5 times the transformer turns ratio multiplied by the
maximum input voltage. Because the two secondary windings are connected across the rectifier bridge, a factor
of two is needed, producing the diode maximum DC blocking voltage rating:
www.ti.com
SN6507
SLLSFM0A – MARCH 2022 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: SN6507



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com