Electronic Components Datasheet Search
  English  ▼

X  

SN6507 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # SN6507
Description  SN6507 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN6507 Datasheet(HTML) 29 Page - Texas Instruments

Back Button SN6507 Datasheet HTML 25Page - Texas Instruments SN6507 Datasheet HTML 26Page - Texas Instruments SN6507 Datasheet HTML 27Page - Texas Instruments SN6507 Datasheet HTML 28Page - Texas Instruments SN6507 Datasheet HTML 29Page - Texas Instruments SN6507 Datasheet HTML 30Page - Texas Instruments SN6507 Datasheet HTML 31Page - Texas Instruments SN6507 Datasheet HTML 32Page - Texas Instruments SN6507 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
9.2.4 System Examples
9.2.4.1 Higher Output Voltage Designs
The device can drive push-pull converters that provide doubling output voltages, or bipolar outputs with different
rectifier topologies . Figure 9-7 to Figure 9-9 show some of these topologies together with their respective
open-circuit output voltages.
n
VIN
V
= +n·V
OUT
IN
V
= -n·V
OUT
IN
Figure 9-7. Bridge Rectifier With Center-Tapped
Secondary Enables Bipolar Outputs
n
V
IN
V
OUT = 2n·VIN
Figure 9-8. Bridge Rectifier Without Center-Tapped
Secondary Performs Voltage Doubling
n
VIN
V
OUT = 4n·VIN
Figure 9-9. Half-Wave Rectifier Without Centered Ground and Center-Tapped Secondary Performs
Voltage Doubling Twice, Hence Quadrupling VIN
9.2.4.2 Commercially-Available Transformers
Table 9-3 shows recommended transformer designs for SN6507 that are commercially available. These part
numbers or equivalents are optimized for use with SN6507.
Table 9-3. Recommended Center Tapped Transformers for SN6507
APPLICATIO
N
TURNS
RATIO
(1:N)
V-t
product
Min (Vμs)
ISOLATIO
N (VRMS)
DIMENSION (mm)
(L,W,H)
PART NUMBER 1
24 V→ 15 V
0.73
15
2.5 k
(8.5, 12.87, 5.16)
Wurth 750319696
0.71
30
2.5 k
(10.3, 12.07, 5.97)
Coilcraft TX1-ZB1459-
BE
0.73
25
2.5 k
(11.8, 13.2, 11.1)
Bourns SM91207L-E
0.75
25
3.75 k
(10.3, 13.2, 12.5)
Pulse PAG6356.086NLT
12 V→ 15 V
1.4
22
2.5 k
(10.3, 12.07, 5.97)
Coilcraft TX1-ZB1445-
CE
1.4
22
2.5 k
(8.5, 12.87, 5.16)
Wurth 750319692
1.2
15
2.5 k
(11.8, 13.2, 11.1)
Bourns SM91208L-E
24 V→ 30 V
1.4
30
2.5 k
(10.3, 12.07, 5.97)
Coilcraft TX1-ZC1891-
AE
1.4
30
2.5 k
(8.5, 12.87, 5.16)
Wurth 750319948
12 V→ 30 V
2.6
22
2.5 k
(8.5, 12.87, 5.16)
Wurth 750319949
2.8
22
2.5 k
(10.3, 12.07, 5.97)
Coilcraft TX1-ZC1892-
AE
24 V→ 24 V
1.09
15
2.5 k
(8.5, 12.87, 5.16)
Wurth 750319697
www.ti.com
SN6507
SLLSFM0A – MARCH 2022 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: SN6507



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com