Electronic Components Datasheet Search
  English  ▼

X  

SN6507 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # SN6507
Description  SN6507 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN6507 Datasheet(HTML) 20 Page - Texas Instruments

Back Button SN6507 Datasheet HTML 16Page - Texas Instruments SN6507 Datasheet HTML 17Page - Texas Instruments SN6507 Datasheet HTML 18Page - Texas Instruments SN6507 Datasheet HTML 19Page - Texas Instruments SN6507 Datasheet HTML 20Page - Texas Instruments SN6507 Datasheet HTML 21Page - Texas Instruments SN6507 Datasheet HTML 22Page - Texas Instruments SN6507 Datasheet HTML 23Page - Texas Instruments SN6507 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The SN6507 is a transformer driver designed for low-cost, small form-factor, isolated DC/DC converters
using the push-pull topology. The device includes an oscillator that feeds a gate-drive circuit. The gate-drive,
comprising a frequency divider and a break-before-make (BBM) logic, provides two complementary output
signals which alternately turn the two output transistors on and off.
MOSFET
Driver
BBM
Logic
Freq
Divider
CLK
fOSC
S
S
Q1
Q2
SW1
SW2
GND
Figure 9-1. Block Diagram With Break-Before-Make Action
S
S
G1
G2
CLK
Q1 On
Q2 On
SW1
SW2
Q1 Off
Q2 Off
t
BBM
t
BBM
t
BBM
Figure 9-2. Output timing with Break-Before-Make Action
SN6507
SLLSFM0A – MARCH 2022 – REVISED JUNE 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: SN6507



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com