Electronic Components Datasheet Search
  English  ▼

X  

TMP126 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMP126
Description  TMP126-Q1 Low-Power, 0.25°C SPI Temperature Sensor With 175°C Operation, CRC and Slew Rate Alert
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP126 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP126 Datasheet HTML 12Page - Texas Instruments TMP126 Datasheet HTML 13Page - Texas Instruments TMP126 Datasheet HTML 14Page - Texas Instruments TMP126 Datasheet HTML 15Page - Texas Instruments TMP126 Datasheet HTML 16Page - Texas Instruments TMP126 Datasheet HTML 17Page - Texas Instruments TMP126 Datasheet HTML 18Page - Texas Instruments TMP126 Datasheet HTML 19Page - Texas Instruments TMP126 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
8.4.4.1 Interrupt Mode
When the INT_COMP bit in the Configuration register is set to 0, the device is in interrupt mode. Changing
the device to Interrupt mode from Comparator mode will immediately clear the Alert_Status register and
reset the ALERT pin. The TMP126-Q1 will then behave as described in this section at the next temperature
conversion. In this mode, the device compares the temperature result at the end of every conversion with the
values in the TLow_Limit register and THigh_Limit register. If the temperature result is higher the value in the
THigh_Limit register, the THigh_Status and THigh_Flag bits in the Alert_Status register will be set and the
ALERT pin will assert. After a read of the Alert_Status register the flag bit will clear and the ALERT pin will
de-assert. Subsequent temperature results above the hysteresis value (THigh_Limit - THigh_Hysteresis), where
THigh_Hysteresis is the Most Significant Byte (MSB) in the Hysteresis register, will not set the THigh_Flag bit.
The status bit will not clear until a temperature result is below (THigh_Limit - THigh_Hysteresis).
After a temperature result below (THigh_Limit - THigh_Hysteresis), the THigh_Status bit will clear, the
THigh_Flag bit will be set, and the ALERT pin will be asserted to indicate the change.
If the THigh_Flag bit is not enabled in the Alert_Enable register, the flag bit will be set when the measured
temperature crosses the THigh_Limit or hysteresis but the ALERT pin will not assert. The behavior for the
TLow_Limit and Slew rate will be the same as the previously described high limit. Figure 8-7 shows a diagram
depicting the behavior.
THigh_Limit
TLow_Limit
Temperature
Temperature conversions
THigh_Status
THigh_Flag
SPI Read
ALERT
THigh_Limit ± THigh_Hyst
TLow_Limit + TLow_Hyst
TLow_Status
TLow_Flag
Slew_Status
Slew_Rate_Limit
Slew_Flag
Figure 8-7. Interrupt Mode Diagram
TMP126-Q1
SNIS227C – MAY 2021 – REVISED JUNE 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP126-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com