Electronic Components Datasheet Search
  English  ▼

X  

TMP126 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMP126
Description  TMP126-Q1 Low-Power, 0.25°C SPI Temperature Sensor With 175°C Operation, CRC and Slew Rate Alert
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP126 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP126 Datasheet HTML 17Page - Texas Instruments TMP126 Datasheet HTML 18Page - Texas Instruments TMP126 Datasheet HTML 19Page - Texas Instruments TMP126 Datasheet HTML 20Page - Texas Instruments TMP126 Datasheet HTML 21Page - Texas Instruments TMP126 Datasheet HTML 22Page - Texas Instruments TMP126 Datasheet HTML 23Page - Texas Instruments TMP126 Datasheet HTML 24Page - Texas Instruments TMP126 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
R/W
Peripheral controls SIO line
Controller controls SIO line
Auto Increment
X
1
0
Sub-Address
A7
A6
A5
A4
A3
A2
A1
A0
CS pulled low
D15 D14 D13 D12 D11 D10 D9
D8
Data Word
D7
D6
D5
D4
D3
D2
D1
D0
Data to Register N
D15 D14 D13 D12 D11 D10 D9
D8
Data Word
D7
D6
D5
D4
D3
D2
D1
D0
Data to Register N+1
D15 D14 D13 D12 D11 D10 D9
D8
Data Word
D7
D6
D5
D4
D3
D2
D1
D0
Data to Register N+2
CRC Data Block Length
CRC Enable
Don’t Care
CRC L4
L3
L1
L0
Figure 8-12. Burst Data Write to Multiple Registers
8.5.2.4 Read Operations
Data is read from the TMP126-Q1 by setting the R/W bit of the command word to 1. Data can be continuously
read from a single register by setting the auto-increment bit to 0 in the command register. Figure 8-13 shows an
example of a repeated data read from a single register. Repeated temperature reads are not supported.
R/W
Peripheral controls SIO line
Controller controls SIO line
Auto Increment
X
0
1
Sub-Address
A7
A6
A5
A4
A3
A2
A1
A0
CS pulled low
D15 D14 D13 D12 D11 D10 D9
D8
Data Word
D7
D6
D5
D4
D3
D2
D1
D0
Data from Register N
D15 D14 D13 D12 D11 D10 D9
D8
Data Word
D7
D6
D5
D4
D3
D2
D1
D0
Data from Register N
D15 D14 D13 D12 D11 D10 D9
D8
Data Word
D7
D6
D5
D4
D3
D2
D1
D0
Data from Register N
CS pulled high
CRC Data Block Length
CRC Enable
Don’t Care
CRC L4
L3
L1
L0
Figure 8-13. Repeated Data Read from a Single Register
Figure 8-14 shows how setting the auto increment to 1 to can enable a read from multiple registers in a single
transaction.
www.ti.com
TMP126-Q1
SNIS227C – MAY 2021 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMP126-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com