Electronic Components Datasheet Search
  English  ▼

X  

TMP126 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMP126
Description  TMP126-Q1 Low-Power, 0.25°C SPI Temperature Sensor With 175°C Operation, CRC and Slew Rate Alert
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP126 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMP126 Datasheet HTML 19Page - Texas Instruments TMP126 Datasheet HTML 20Page - Texas Instruments TMP126 Datasheet HTML 21Page - Texas Instruments TMP126 Datasheet HTML 22Page - Texas Instruments TMP126 Datasheet HTML 23Page - Texas Instruments TMP126 Datasheet HTML 24Page - Texas Instruments TMP126 Datasheet HTML 25Page - Texas Instruments TMP126 Datasheet HTML 26Page - Texas Instruments TMP126 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
CS
Peripheral controls SIO line
Controller controls SIO line
SIO
Command
Read Data
Read Data
CRC
CRC determined by Command Word and Data Block
Figure 8-16. CRC Enabled Read
8.5.2.5.1 Cyclic Redundancy Check Implementation
Table 8-2 defines the CRC calculation rule.
Table 8-2. CRC Rule Table
Temperature
Digital Output
CRC Width
16 bits
Polynomial
X16 + X12 + X5 + 1 (1021h)
Initial seed value
FFFFh
Input data reflected
No
Result data reflected
No
XOR value
0000h
Example
CRC of 0xABCD = 0xD46A
Figure 8-17 shows the CRC Module block diagram. The CRC calculation is done on the command word and the
data block. The module consists of a 16-bit shift register and 3 exclusive-OR gates. The register starts with the
seed value FFFFh and the module performs an XOR function and shifts its content until the last bit of the register
string is used. The final value of the shift register checksum is output onto the SIO line by the TMP126-Q1 at the
end of the data block for the host to validate the transaction.
C15 C14 C13 C12
C11 C10 C9
C8
C7
C6
C5
C4
C3
C2
C1
C0
MSB
LSB
+
XOR
+
XOR
+
XOR
Data Block
Figure 8-17. CRC Module
www.ti.com
TMP126-Q1
SNIS227C – MAY 2021 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMP126-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com