Electronic Components Datasheet Search
  English  ▼

X  

TMP126 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMP126
Description  TMP126-Q1 Low-Power, 0.25°C SPI Temperature Sensor With 175°C Operation, CRC and Slew Rate Alert
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP126 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP126 Datasheet HTML 13Page - Texas Instruments TMP126 Datasheet HTML 14Page - Texas Instruments TMP126 Datasheet HTML 15Page - Texas Instruments TMP126 Datasheet HTML 16Page - Texas Instruments TMP126 Datasheet HTML 17Page - Texas Instruments TMP126 Datasheet HTML 18Page - Texas Instruments TMP126 Datasheet HTML 19Page - Texas Instruments TMP126 Datasheet HTML 20Page - Texas Instruments TMP126 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
8.4.4.2 Comparator Mode
When the INT_COMP bit in the Configuration register is set to 0, the device is in comparator mode. Changing
the device to Comparator mode from Interrupt mode will immediately clear the Alert_Status register and
reset the ALERT pin. The TMP126-Q1 will then behave as described in this section at the next temperature
conversion. In this mode, the device compares the temperature result at the end of every conversion with the
limit registers. If the flag is enabled to assert the ALERT, the ALERT will reflect the status bit of the limits. For
example, if the THigh_Flag alert is enabled and the THigh_Limit is exceeded, the ALERT will assert while the
THigh_Status bit is 1. If the THigh_Flag alert is not enabled in the Alert_Enable register, the ALERT will not
assert when THigh_Status bit is 1.
After a conversion below the Hysteresis the Status bit will be set to '0' and the ALERT will de-assert. Unlike the
interrupt mode, the ALERT behavior is not affected when reading the Alert_Status register. If the Alert flag is
disabled in the Alert_Enable register, the ALERT pin will de-assert immediately if the respective bit is causing an
alert. If there are two statuses that are affecting the ALERT such as a THigh_Limit and Slew_Rate_Limit and one
of the alerts is disabled, the ALERT will remain asserted until the other limit is not exceeded. For example, if the
ALERT has asserted due to a high slew rate and a high temperature and the slew rate alert is then disabled, the
ALERT will only de-assert when the temperature drops below the hysteresis value. If both alerts were disabled
the ALERT would then de-assert.
Thus, this mode effectively makes the device behave like a high-limit threshold detector. This mode can be used
in applications where detecting if the temperature has exceeded a desired threshold is necessary. Figure 8-8
shows a timing diagram of this mode.
THigh_Limit
TLow_Limit
Temperature
Temperature conversions
THigh_Status
THigh_Flag
SPI Read
ALERT
THigh_Limit ± THigh_Hyst
TLow_Limit + TLow_Hyst
TLow_Status
TLow_Flag
Slew_Status
Slew_Rate_Limit
Slew_Flag
Figure 8-8. Comparator Mode Timing Diagram
www.ti.com
TMP126-Q1
SNIS227C – MAY 2021 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMP126-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com