Electronic Components Datasheet Search
  English  ▼

X  

LT3755 Datasheet(PDF) 10 Page - Analog Devices

Part # LT3755
Description  60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3755 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT3755 Datasheet HTML 6Page - Analog Devices LT3755 Datasheet HTML 7Page - Analog Devices LT3755 Datasheet HTML 8Page - Analog Devices LT3755 Datasheet HTML 9Page - Analog Devices LT3755 Datasheet HTML 10Page - Analog Devices LT3755 Datasheet HTML 11Page - Analog Devices LT3755 Datasheet HTML 12Page - Analog Devices LT3755 Datasheet HTML 13Page - Analog Devices LT3755 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LT8355-1
10
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
PWMTG1, PWMTG2 (Pins 1, 21): High Side Gate Driver
for the External Series PMOS Switch of Each Channel.
Use these pins to disconnect the load for PWM dimming
as well as fault events. PWMTG drives the PMOS gate
between ISP – 8.5V and ISP (typical) to cut off the flow of
residual charge from the output capacitor when the LED
load should be disconnected, as well as to prevent the
long transient that would result from needing to recharge
the output capacitor at the end of a long PWM off period.
Leave open if unused. The voltage at PWMTG is limited
to 8.5V (typical) below the voltage at ISP to protect the
gate of the PMOS switch.
ISN1, ISN2 (Pins 2, 20): Kelvin connect this pin to the low
side of the LED current feedback sense resistors RILED1,2
of each channel. Current through sense resistor, RILED2
is 250mV/RILED2 while CTRL2 > 1.5V and IADJ2 > 1.5V.
It varies as [(CTRL2 – 0.48V) • (IADJ2 – 0.5V) –0.02V]/
(4RILED2) if the voltage at the CTRL2 and IAJD2 pins vary
between 0.5V to 1.5V. The current through sense resistor
RILED1 is 250mV/RILED1 while CTRL1 > 1.5V. It varies as
(CTRL1 − 500mV)/(4RILED1) if the voltage at the CTRL1
pin is between 500mV and 1.5V.
ISP1, ISP2 (Pins 3, 19): Kelvin connect this pin to the
high side of the LED current feedback sense resistor
RILED of each channel, see ISN1, ISN2 for more details.
If the voltage difference VISP – VISN ever exceeds around
670mV (typical), switching stops, PWMTG goes high
to disconnect the load, and soft-start resets. After a
cooldown period, the part will re-enter soft-start. See the
Applications Information section for more details.
FB1, FB2 (Pins 4, 18): Output Voltage Feedback Pin for
Each Channel. This pin is used for output voltage regula-
tion and limiting. Tie this pin to a resistive voltage divider
from the output voltage. When the voltage at FB reaches
1.2V (typical), the control loop will reduce the switch cur-
rent to regulate the output voltage such that FB remains
around 1.2V. If the voltage at FB exceeds 1.26V (typical),
PWMTG is driven high and switching briefly stops. If the
voltage at FB falls below 300mV (typical) after soft-start
has finished, PWMTG is driven high, soft-start resets,
and switching stops. After a cooldown period, the part
will re-enter soft-start. See the Applications Information
section for more info on the use of the FB pin for general
applications.
VC1, VC2 (Pins 5, 17): An Internal Error Amplifier Node
Used for Compensation. Stabilize the loop by connecting
a capacitor or RC network between this pin and ground for
each channel. Read more in the Applications Information
section for details about compensation.
CTRL1, CTRL2, IADJ2 (Pins 6, 8, 9): Two-Pin Analog
Alternative to PWM Dimming. Tie CTRL1,2 and IADJ2 to
VREF or INTVCC to set RILED current to full-scale for each
channel. The product of the offset CTRL2 and IADJ2 pin
voltages sets the current in RILED2 as [(CTRL2 – 0.48V) •
(IADJ2 – 0.5V) – 0.02V]/(4RILED2) when the voltages at
CTRL2 and IADJ2 pins vary between 0.5V to 1.5V. The
pin voltage of CTRL1 linearly sets the current in RILED1
as (CTRL1 – 0.5V)/(4RILED1) when the voltage at CTRL1
pin varies between 0.5V and 1.5V.
FAULT1, FAULT2 (Pins 7, 13): Open-Drain Fault Indication
Pin Indicating Short LED, Open LED, Overvoltage and
Overcurrent Faults for Each Channel. Tie these pins
through 100k resistors to INTVCC, or any supply less than
15V or use them as open-drain signals. LT8355-1 pulls
these pins low to signal all reported fault events from each
channel independently.
PWM1, PWM2 (Pins 10, 11): Pulse Width Modulation
(PWM) Dimming Generation Control Pin for Each Channel.
Connect an analog signal to this pin to use the internal
exponential PWM dimming generator. When the voltages
at these pins remain between 0.5V and 1.5V, the duty ratio
of the internal dimming PWM generator will vary with the
pin voltage. A linear ramp of voltage on the PWM pins
between 0.5V and 1.5V lasting many PWMTG cycles at
fSW/1000 will result in an exponentially increasing PWM
duty ratio. An external PWM signal can also drive this pin
directly if the ON and OFF voltages are above 1.6V and
below 0.4V, respectively. If PWM dimming is not used,
tie these pins to INTVCC or VREF.
RT (Pin 12): Connect a resistor between this pin and
ground to set the switching frequency and PWM dimming
frequency. Do not connect anything but a resistor to this
pin or the device may not function correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com