Electronic Components Datasheet Search
  English  ▼

X  

LT3755 Datasheet(PDF) 13 Page - Analog Devices

Part # LT3755
Description  60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3755 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT3755 Datasheet HTML 9Page - Analog Devices LT3755 Datasheet HTML 10Page - Analog Devices LT3755 Datasheet HTML 11Page - Analog Devices LT3755 Datasheet HTML 12Page - Analog Devices LT3755 Datasheet HTML 13Page - Analog Devices LT3755 Datasheet HTML 14Page - Analog Devices LT3755 Datasheet HTML 15Page - Analog Devices LT3755 Datasheet HTML 16Page - Analog Devices LT3755 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LT8355-1
13
Rev. 0
For more information www.analog.com
OPERATION
The LT8355-1 is a dual-channel constant-frequency,
constant-current/constant-voltage (CC/CV) boost power
stage controller. The operation of the part can be best
understood by looking at the Block Diagram. The con-
troller can implement boost, SEPIC, buck mode or buck-
boost mode LED drivers. At the beginning of every clock
cycle, the clock signal sets an SR-latch controlling the
gate driver. The external NMOS switch turns on and con-
nects the inductor to ground. The positive voltage drops
across the inductor results in linearly increasing current
in the inductor. The switch will remain on until the current
comparator resets it. This reset will occur when the switch
current, as measured by the switch current sense resistor,
exceeds the internal demand current. This demand cur-
rent comes from the error amplifier of each respective
channel. The external LED current sense resistor used
to program load current drives the error amplifier. The
voltage drop across the sense resistor multiplied by the
amplifier’s transconductance establishes the demand cur-
rent. Without a forced offset, the error amplifier regulates
the load to zero current based on the voltage across the
LED current sense resistor.
To establish the positive offset in the error amplifier
needed to program the LED current, a small current is
intentionally pulled from only one input of the amplifier
through an internal series resistor. The CTRL1,2 and
IADJ2 pins establish this offset current by varying the
voltage dropped across a second internal resistor to GND.
Changing the CTRL1,2 pin voltage will vary the voltage
dropped across the second internal resistor, while chang-
ing the IADJ2 pin voltage will change the value of that
resistor for channel 2. This varies the LED current sense
resistor regulation voltage between true zero and 250mV.
During constant-current operation, the FB pin provides
overvoltage protection. When the FB pin voltage is below
its regulation threshold, the FB amplifier has little effect
on demand current. However, as the FB pin voltage
approaches 1.2V, the FB amplifier has an increasingly
pronounced effect, until it eventually dominates the
demand current. If the FB pin voltage exceeds the reg-
ulation threshold by 60mV (typical), the part detects an
overvoltage event. Similarly, if the voltage at the FB pin
ever falls below 300mV (typical, excluding startup) then
the part detects a short LED event.
Fast overcurrent protection relies on a separate signal
path than the main LED current sense amplifier. If the
LED current sense resistor voltage (VISP − VISN) exceeds
670mV (typical), switching stops. This event causes a
brief interruption of switching while soft-start is reset,
followed by a soft-start of the switching.
Four different methods for dimming the LED load are pro-
vided with LT8355-1. First, the voltages at the CTRL1,2
and IADJ2 pins, which set the LED current sense resistor
regulation threshold for each channel, provide continu-
ous, analog dimming of the LED load. In addition, two
methods of PWM dimming exist. The first, external PWM,
relies on a user-provided PWM signal. This signal drives
the PWM pin, directly turning on and off the LED load.
This method can achieve dimming ratios of 20,000:1 at
100Hz PWM frequency. Alternatively, the part can gen-
erate the PWM signal internally from an analog control
signal at the PWM pin.
The internal dimming PWM generator selects one of 128
predetermined duty ratio values based on the analog volt-
age at the PWM pin. An exponential relationship exists
between the PWM pin voltage and these duty ratio values.
For example, consider a voltage at the PWM pin starting
at 0V. When the voltage increases until the duty ratio is
9.6%, further increasing by 7.8mV(typical) will change the
duty ratio to 10%. By the time the voltage is high enough
to set 96% duty, the same 7.8mV (typical) increase will
move the duty ratio up to 100%. A straight ramp at the
PWM pin lasting many PWMTG dimming periods as set
by RT will create an exponentially increasing PWM duty
ratio for the LED load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com