Electronic Components Datasheet Search
  English  ▼

X  

LT3755 Datasheet(PDF) 2 Page - Analog Devices

Part # LT3755
Description  60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3755 Datasheet(HTML) 2 Page - Analog Devices

  LT3755 Datasheet HTML 1Page - Analog Devices LT3755 Datasheet HTML 2Page - Analog Devices LT3755 Datasheet HTML 3Page - Analog Devices LT3755 Datasheet HTML 4Page - Analog Devices LT3755 Datasheet HTML 5Page - Analog Devices LT3755 Datasheet HTML 6Page - Analog Devices LT3755 Datasheet HTML 7Page - Analog Devices LT3755 Datasheet HTML 8Page - Analog Devices LT3755 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LT8355-1
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................................62V
EN/UVLO........................................................62V, –0.3V
ISP1, ISP2, ISN1 and ISN2......................................120V
ISP1 – ISN1, ISP2 – ISN2 ........................... ±1V (Note 9)
CTRL1, CTRL2, FB1 and FB2.....................................15V
FAULT1, FAULT2, IADJ2, PWM1 and PWM2..............15V
INTVCC......................................................VIN + 0.3V, 8V
SENSEP1, SENSEN1, SENSEP2, SENSEN2 ............±0.5V
RT, GATE1, GATE2, PWMTG1 and PWMTG2 ..... (Note 2)
VC1, VC2, and VREF .............................................(Note 2)
Operating Junction Temperature Range (Notes 3, 4)
LT8355I-1 .......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
9 10
TOP VIEW
UFDM PACKAGE
28-LEAD (4mm × 5mm) SIDE-SOLDERABLE PLASTIC QFN
θJA = 43°C/W, θJC = 3.4°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
29
GND
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
PWMTG1
ISN1
ISP1
FB1
VC1
CTRL1
FAULT1
CTRL2
INTVCC
PWMTG2
ISN2
ISP2
FB2
VC2
VIN
EN/UVLO
7
17
18
19
20
21
22
16
8
15
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING PACKAGE DESCRIPTION
TEMPERATURE RANGE
AUTOMOTIVE PRODUCTS*
LT8355IUFDM-1#WPBF LT8355IUFDM-1#WTRPBF 83551
28-Lead (4mm × 5mm) Side-Solderable Plastic QFN –40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
*Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Range
l
5
60
V
Input (VIN) Quiescent Current
PWM1,2 = 0V
3
mA
Input (VIN) Shutdown Current
EN/UVLO = 0.3V
EN/UVLO = 1.1V, EN/UVLO Rising
0.1
12
1
20
µA
µA
EN/UVLO Shutdown Threshold
EN/UVLO Falling
l
1.15
1.25
1.35
V
EN/UVLO Rising Hysteresis
EN/UVLO Rising
60
mV
EN/UVLO Pin Current (Device Off)
EN/UVLO = 1.1V, EN/UVLO Rising
2.4
µA
EN/UVLO Pin Current (Device On)
EN/UVLO = 1.35V
0
µA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2). Unless otherwise noted, VIN = EN/UVLO = 12V, ISP1,2 =
ISN1,2 = 60V, CTRL1,2 = IADJ2 = 2V, PWM1,2 = INTVCC, FB1,2 = 1V, SENSEN1,2 = 0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com