Electronic Components Datasheet Search
  English  ▼

X  

LT3755 Datasheet(PDF) 18 Page - Analog Devices

Part # LT3755
Description  60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3755 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT3755 Datasheet HTML 14Page - Analog Devices LT3755 Datasheet HTML 15Page - Analog Devices LT3755 Datasheet HTML 16Page - Analog Devices LT3755 Datasheet HTML 17Page - Analog Devices LT3755 Datasheet HTML 18Page - Analog Devices LT3755 Datasheet HTML 19Page - Analog Devices LT3755 Datasheet HTML 20Page - Analog Devices LT3755 Datasheet HTML 21Page - Analog Devices LT3755 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LT8355-1
18
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
In the boost and buck-boost topologies, average switch
current is related to average LED current by the ratio of
VIN to VISP. In the buck topology, average LED current
approximately equals average inductor current. For this
reason, the buck topology provides the highest possible
LED current capability. The peak instantaneous switch
current is thus the average LED current plus half of the
peak-to-peak ripple current. This leads to the result in
Equation 7 for buck mode current limit.
ILED,MAX(BUCK)=
100mV
RSENSE
–
VLED(VIN – VLED)
2 • VIN •L • fSW
(7)
For more information about power stage topologies,
review the Typical Applications section. Since LT8355-1
offers a switch current limit that does not significantly
change with duty ratio, the switch current limit can also
limit the input current. Like the load current, the average
input current and average switch current are not always
the same. However, while the switch is on, the same
instantaneous current flows in the switch and inductor.
Because the inductor connects directly to the input, the
peak input current, which is also the peak inductor cur-
rent, cannot exceed the programmed switch current limit.
Note that average input and load current will be strictly
less than maximum peak switch current.
Loop Compensation
To ensure stable operation of the control loop realized by
LT8355-1 it is necessary to limit the loop bandwidth. To
do this, connect an RC network between the VC pin and
ground. A single capacitor can fulfill stability requirements
if PCB area is extremely limited. The addition of a series
resistor, however, will increase response speed and can
also recover phase margin. A schematic diagram of the
typical compensation scheme is illustrated in Figure 6. For
many cases, a 1nF capacitor and 47k resistor will suffice.
These are good values to start with for all applications.
Figure 6. LT8355-1 Compensation Network
If settling time is unacceptable, ringing is too large, or
the loop remains unstable the following steps can help.
First, try reducing to 10k or eliminating the compensa-
tion resistor, RC, especially if transient response is ringing
or underdamped. Reducing the compensation resistor
will cause longer settling time and larger deviation from
load-steps such as PWM dimming. Next, increase the
size of the compensation capacitor, CC. This will reduce
the frequency of the dominant (low frequency) pole and
thereby the unity gain frequency. It will usually be possible
to stabilize the loop given a big enough compensation
capacitor. Increasing the compensation capacitor slows
down the transient response to line and load activity. If
the compensation capacitor cannot change by a small
amount to achieve stability, consider instead decreasing
the output capacitor or decreasing the inductor to sepa-
rate the load pole and right half plane zero (for boost and
SEPIC topologies).
Input and Output Capacitor Selection
The input and output capacitors supply the transient cur-
rent for the power stage and should be placed and cho-
sen according to the transient current requirements. An
X7R type ceramic capacitor is usually a good choice for
both input and output capacitor. Ceramic capacitors have
a large voltage coefficient (i.e. lower capacitance when
biased near their rated Voltage). It is generally a good rule
of thumb to choose a capacitance 60% higher to com-
pensate for the voltage coefficient. Consult the capacitor
manufacturer to ensure capacitance is sufficient at the
operating voltage.
The switching frequency, output current, inductor ripple
current, and tolerable input voltage ripple are key param-
eters to consider when determining the value of the input
capacitor. Typically, boost and SEPIC converters require a
lower value input capacitor than buck mode converters.
Use Equation 8 to estimate the value of the input capacitor.
If the inductor is selected according to the directions in
the Inductor Selection section, the input capacitance value
can be calculated.
CIN(BOOST) =
20mV
8 •
ΔVIN •RSENSE • fSW
(8)
RC
CC
VC
LT8355-1
8355-1 F06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com