Electronic Components Datasheet Search
  English  ▼

X  

IPS2200 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # IPS2200
Description  Inductive Position Sensor IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2200 Datasheet(HTML) 3 Page - Renesas Technology Corp

  IPS2200 Datasheet HTML 1Page - Renesas Technology Corp IPS2200 Datasheet HTML 2Page - Renesas Technology Corp IPS2200 Datasheet HTML 3Page - Renesas Technology Corp IPS2200 Datasheet HTML 4Page - Renesas Technology Corp IPS2200 Datasheet HTML 5Page - Renesas Technology Corp IPS2200 Datasheet HTML 6Page - Renesas Technology Corp IPS2200 Datasheet HTML 7Page - Renesas Technology Corp IPS2200 Datasheet HTML 8Page - Renesas Technology Corp IPS2200 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
IPS2200 Datasheet
Aug.5.22
Page 3
21. Ordering Information................................................................................................................................... 33
22. Revision History .......................................................................................................................................... 33
Figures
Figure 1. Pin Assignments for 4.4mm
 5.0mm 16-TSSOP Package – Top View...................................................5
Figure 2. LC Oscillator Connection with a Single Capacitor...................................................................................10
Figure 3. LC Oscillator Connection with Split TX Capacitors .................................................................................11
Figure 4. Parallel Resonator Circuit........................................................................................................................11
Figure 5. Response of the IPS2200 .......................................................................................................................15
Figure 6. Coil Design for a Linear Motion Sensor...................................................................................................16
Figure 7. Coil Design for a 360° Rotary Sensor .....................................................................................................16
Figure 8. Data Update Rate vs. LC Oscillator Frequency vs. Integration Factor ...................................................18
Figure 9. Sine-Cosine Analog Mode Output Signals ..............................................................................................18
Figure 10. Sine-Cosine Analog Mode Output Signals ............................................................................................19
Figure 11. Digital Incremental Differential AB Mode Output Signals......................................................................19
Figure 12. Block Diagram .......................................................................................................................................21
Figure 13. Embedded Single Ended Sine, Cosine Outputs ...................................................................................22
Figure 14. Embedded Differential Sine, Cosine Outputs........................................................................................22
Figure 15. Remote Differential Sine, Cosine Outputs with I2C Interface ...............................................................23
Figure 16. Remote Differential Sine, Cosine Outputs with SPI Interface ...............................................................23
Figure 17. Half Duplex 3-3 Wire SPI Interface .......................................................................................................24
Figure 18. Half Duplex 3-3 Wire SPI Multi-slave Interface .....................................................................................25
Figure 19. I2C Address Select Bits.........................................................................................................................26
Figure 20. I2C Interface with Address Select .........................................................................................................27
Figure 21. I2C Interface Configuration with Interrupt on a Single Slave ................................................................27
Figure 22. I2C Interface Configuration with Multi-slave Interrupt ...........................................................................28
Figure 23. Coil Design and Signal Output for a 360° Rotary Sensor .....................................................................31
Figure 24. Coil Design and Signal Output for a 2
 180° Rotary Sensor ...............................................................31
Figure 25. Coil Design and Signal Output for a 3
 120° Rotary Sensor ...............................................................31
Figure 26. Coil Design and Signal Output for a 4
 90° Rotary Sensor .................................................................32
Tables
Table 1. Pin Descriptions..........................................................................................................................................5
Table 2. Buffered Output Configuration....................................................................................................................6
Table 3. Digital Interface and Interrupt Output Configuration...................................................................................6
Table 4. Absolute Maximum Ratings ........................................................................................................................7
Table 5. Electrostatic Discharges (ESD) ..................................................................................................................7
Table 6. Operating Conditions ..................................................................................................................................7
Table 7. IPS2200 Electrical Characteristics, 3.3V Mode ..........................................................................................9
Table 8. IPS2200 Electrical Characteristics, 5.0V Mode ..........................................................................................9
Table 9. LC Oscillator Specifications ......................................................................................................................10
Table 10. Coil Receiver Front-End Specifications ..................................................................................................12
Table 11. Diagnostic Checks ..................................................................................................................................12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com