Electronic Components Datasheet Search
  English  ▼

X  

IPS2200 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # IPS2200
Description  Inductive Position Sensor IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2200 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button IPS2200 Datasheet HTML 9Page - Renesas Technology Corp IPS2200 Datasheet HTML 10Page - Renesas Technology Corp IPS2200 Datasheet HTML 11Page - Renesas Technology Corp IPS2200 Datasheet HTML 12Page - Renesas Technology Corp IPS2200 Datasheet HTML 13Page - Renesas Technology Corp IPS2200 Datasheet HTML 14Page - Renesas Technology Corp IPS2200 Datasheet HTML 15Page - Renesas Technology Corp IPS2200 Datasheet HTML 16Page - Renesas Technology Corp IPS2200 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
IPS2200 Datasheet
Aug.5.22
Page 13
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VDDOUT_CM
Output DC offset voltage, common
mode voltage
All modes
47.5
52.5
%VDD
DCOFFDRIFT
DC offset voltage drift
Over temperature range
-50
50
μV/°C
DCOFF
DC offset voltage after trimming
At trim temperature,
over gain range and
transmitter frequency
range, VDD= 3.0 to 5.5V
-6
6
mV
IOUT3
Output current; 3.3V option
Output load current
-1
+1
mA
IOUT5
Output current; 5V option
-2
+2
mA
IOL
Output overload current,
20
30
mA
CRAW_l
Capacitive load, EMC filters
Refer to section 18 for
CO1 to CO4
47
nF
Noise
Device output noise
Maximum gain,
maximum setting for
integration cycles, no
output filtering, shorted
coil inputs
2
mVrms
COUT1
Output filter capacitors
For improved EMC
immunity, placed close
to IC output
47
nF
COUT2
COUT3
COUT4
Table 13. Back-End Specification, Quadrature Pulse Output Option, Pins A, A_N, B, and B_N
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VQUAD_OH
High level output voltage
Sign of demodulated input voltage:
high = positive; low = negative
70
100
%VDD
VQUAD_OL
Low level output voltage
0
30
IO_QUAD3
Output current; 3.3V option
Output load current
-0.5
+0.5
mA
IO_QUAD5
Output current; 5V option
-1
+1
mA
CRAW_l
Capacitive load
22
nF
VQUAD_TH_POS
Output switching positive
threshold
Comparator levels for changing
state of A, A_N, B, B_N digital
outputs, relative to amplified input
voltage
VOUT_CM+
0.05
V
VQUAD_TH_NEG
Output switching negative
threshold
VOUT_CM-
0.05
V
VQUAD_TH_HYST
Quadrature pulse
hysteresis
Relative to opposite channel
R1(Sin) vs. R2(Cos)
5
%
[a]
See Table 2 regarding which of the pins OUT1, OUT2, OUT3, and OUT4 are assigned as A, A_N, B, and B_N.
Table 14. Digital Control Interface, Pins CSN_IRQN, SIO_SDA, SCK_SCL
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VIH
High level input voltage,
all modes
CSN_IRQN address
select input,
SCK_SCL clock input,
SIO_SDA data input
70
100
%VDD
VIL3
Low level input voltage,
3.3V mode
0
30
%VDD
VIL3
Low level input voltage,
5V mode
0
20
%VDD
ILEAK
Input leakage current
-5
5
µA
VI_HYST
Input hysteresis
SCK_SCL clock input
100
mV
VOH
High level output voltage
All modes
80
100
%VDD
VOL_PP
Low level output voltage
– push/pull
Push/pull output
CSN_IRQN
0
20
%VDD
VOL_OD
Low level output voltage
– open drain
Open-drain output
SIO_SDA, 3mA sink
current
0
0.4
V
VIRQN_H
Over-voltage detection at
CSN_IRQN, SCK_SCL,
or SIO_SDA
Over-voltage on these
pins can be monitored
as a diagnostic feature
6.9
7.4
7.9
V
RSDA,
RSCL,
RSIO,
RSCK
External pull-up resistor
at pins SIO_SDA and
SCK_SCL
Resistor value and
capacitive load on these
pins are limiting the
1.8
4.7
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com