Electronic Components Datasheet Search
  English  ▼

X  

IPS2200 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # IPS2200
Description  Inductive Position Sensor IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2200 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button IPS2200 Datasheet HTML 24Page - Renesas Technology Corp IPS2200 Datasheet HTML 25Page - Renesas Technology Corp IPS2200 Datasheet HTML 26Page - Renesas Technology Corp IPS2200 Datasheet HTML 27Page - Renesas Technology Corp IPS2200 Datasheet HTML 28Page - Renesas Technology Corp IPS2200 Datasheet HTML 29Page - Renesas Technology Corp IPS2200 Datasheet HTML 30Page - Renesas Technology Corp IPS2200 Datasheet HTML 31Page - Renesas Technology Corp IPS2200 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
IPS2200 Datasheet
Aug.5.22
Page 28
MCU
Data In/Out
Clock
Interrupt
SDA
SCL
IRQ1
VDD
Interrupt
IRQ2
IPS2200
#1
CSN_IRQN
IPS2200
#2
CSN_IRQN
RSCL
RSDA
SIO_SDA
SCK_SCL
SIO_SDA
SCK_SCL
Figure 22. I2C Interface Configuration with Multi-slave Interrupt
For a detailed description of the I2C interface, refer to the IPS2200 Programming Guide.
14. Protection and Diagnostics
14.1
I/O Protection
In order to meet the requirements for over-voltage and reverse-polarity protection on both the output and power
supply pins, the IPS2200 includes several protection and diagnosis features:
1.
Protection against short circuit of the output pins SIN, SINN, COS, and COSN to GND or to VDD
2.
Over-voltage and reverse-polarity protection:
a.
On supply pin VDD to GND
b.
On analog output pins SIN, SINN, COS, and COSN to GND
c.
On digital output pins SIO_SDA, CSN_IRQN, and SCK_SCL to GND
15. Programming Options
The IPS2200 family offers a variety of programming options. The IC is programmed through the digital bi-
directional SPI or I2C interface. The main programming functions are described in Table 22.
15.1
Lock Feature (Cyber Security)
The IPS2200 contains a write lock bit option, which can be set by the user. Once the write lock bit is set, no
further writing to the chip is possible.
Note: For programming details, see the IPS2200 Programming Guide, which is available from Renesas on
request.
Table 22. Programming Options Overview
Function
Programming Options
Supply voltage range
3.3V ±10% or 5.0V ±10%, alarm levels
High speed interface
Sine/cosine differential, single-ended, A/B
Digital diagnostic and programming interface
Half-duplex SPI, half-duplex SPI with interrupt, I2C with address select,
I2C with interrupt
SPI interface
SPI modes with/without interrupt, clock polarity, clock phase
Data order: MSB first / LSB first
I2C interface
Slave address, I2C mode with address select or with interrupt
Diagnostic signaling on high speed interface
Enable/disable: Output pins are pulled low or high in diagnostic state
Security lock function
Register access R/W / read-only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com