Electronic Components Datasheet Search
  English  ▼

X  

IPS2200 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # IPS2200
Description  Inductive Position Sensor IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2200 Datasheet(HTML) 1 Page - Renesas Technology Corp

  IPS2200 Datasheet HTML 1Page - Renesas Technology Corp IPS2200 Datasheet HTML 2Page - Renesas Technology Corp IPS2200 Datasheet HTML 3Page - Renesas Technology Corp IPS2200 Datasheet HTML 4Page - Renesas Technology Corp IPS2200 Datasheet HTML 5Page - Renesas Technology Corp IPS2200 Datasheet HTML 6Page - Renesas Technology Corp IPS2200 Datasheet HTML 7Page - Renesas Technology Corp IPS2200 Datasheet HTML 8Page - Renesas Technology Corp IPS2200 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Datasheet
IPS2200
Inductive Position Sensor IC
Aug.5.22
Page 1
Description
The IPS2200 is a magnet-free, inductive position
sensor ICs that can be used for high-speed absolute
position sensing in industrial, medical, and consumer
applications. The IPS2200 uses the physical principle
of eddy currents to detect the position of a simple
metallic target that is moving above a set of coils,
consisting of one transmitter coil and two receiver coils.
The three coils are typically printed as copper traces on
a printed circuit board (PCB). They are arranged such
that the transmitter coil induces a secondary voltage in
the two receiver coils, which depends on the position of
the metallic target above the coils.
A signal representative of the target’s position over the
coils is obtained by demodulating and processing the
secondary voltages from the receiver coils. The target
can be any kind of metal, such as aluminum, steel, or a
PCB with a printed copper layer.
The IPS2200 provides two independent interfaces:
•
A high-speed analog or digital interface providing
position information in the form of demodulated
analog sine/cosine raw data or digital incremental
outputs
•
An I2C or SPI digital interface for diagnostics and
programming
The IPS2200 operates at rotation speeds up to 250000
RPM (with coil designs using 1 period per turn). An
ultra-low propagation delay down to 10µs or less
provides high dynamic control for fast-moving objects.
The IPS2200 is available in a TSSOP package and is
qualified for industrial use at -40°C to +125°C ambient
temperature.
Typical Applications
•
Rotor position detection for brushless DC motors;
adaptable to any pole pair count
•
Replacement of brushless resolvers
•
Magnet-free rotor speed sensors
Features
•
Position sensing based on an inductive principle
•
Cost effective; no magnet required
•
Immune to magnetic stray fields; no shielding
required
•
Suitable for harsh environments and extreme
temperatures
•
Differential and single-ended sine and cosine outputs
•
Digital incremental outputs: 4 counts per period
•
Nonvolatile user-configurable memory,
programmable via I2C or SPI interface
•
Single IC supports on-axis and off-axis rotation,
linear motion, and arc motion sensing
•
Adaptable to any full-scale angle range
•
High accuracy: ≤ 0.2% full scale
•
Rotation sensing up to 360º angle range
•
±18V over-voltage and reverse-polarity protection on
output pins
•
Fast diagnostic alarm through interrupt pin
•
Wide operation temperature: -40°C up to +125°C
•
Supply voltage programmable for 3.0V to 3.6V or
4.5V to 5.5V
•
Small 16-TSSOP package (4.4
5.0 mm body)
Available Support
Renesas provides application modules that
demonstrate IPS2200 position sensing, including
rotary, arc, and linear applications.
Application Circuit Example
CSN_IRQN
TX1
TX2
VDD
SCK_SCL
SIO_SDA
16
15
GND
9
1
6
10
CVD
VDDA
8
CVA
Tx
7
CT
RX1
RX2
2
3
Rx
(sin)
RX3
RX4
4
5
Rx
(cos)
SIN
14
SINN
13
COS
12
COSN
11
3.3V / 5V


Similar Part No. - IPS2200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IPS2200 RENESAS-IPS2200 Datasheet
1Mb / 35P
Inductive Position Sensor IC
IPS2200BI1R RENESAS-IPS2200BI1R Datasheet
1Mb / 35P
Inductive Position Sensor IC
IPS2200BI1W RENESAS-IPS2200BI1W Datasheet
1Mb / 35P
Inductive Position Sensor IC
IPS2200STKIT RENESAS-IPS2200STKIT Datasheet
1Mb / 35P
Inductive Position Sensor IC
More results

Similar Description - IPS2200

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90365 MELEXIS-MLX90365 Datasheet
897Kb / 35P
Triaxis짰 Position Sensor IC
MLX90360 MELEXIS-MLX90360 Datasheet
651Kb / 35P
Triaxis횘 Position Sensor IC
MLX90316 MELEXIS-MLX90316_13 Datasheet
887Kb / 45P
Rotary Position Sensor IC
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
Rotary Position Sensor IC
logo
Integrated Device Techn...
ZMID5201 IDT-ZMID5201 Datasheet
987Kb / 30P
Inductive Position Sensor IC
logo
Renesas Technology Corp
IPS2200 RENESAS-IPS2200 Datasheet
1Mb / 35P
Inductive Position Sensor IC
logo
Melexis Microelectronic...
MLX90377 MELEXIS-MLX90377 Datasheet
3Mb / 90P
Triaxis짰 Position Sensor IC
logo
Renesas Technology Corp
IPS2550 RENESAS-IPS2550 Datasheet
1Mb / 53P
Inductive Position Sensor IC
June 20, 2022
ZMID4200 RENESAS-ZMID4200 Datasheet
1,018Kb / 26P
Inductive Position Sensor IC
Aug 19, 2021
ZMID5201 RENESAS-ZMID5201 Datasheet
1Mb / 33P
Inductive Position Sensor IC
July 21, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com