Electronic Components Datasheet Search
  English  ▼

X  

IPS2200 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # IPS2200
Description  Inductive Position Sensor IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2200 Datasheet(HTML) 2 Page - Renesas Technology Corp

  IPS2200 Datasheet HTML 1Page - Renesas Technology Corp IPS2200 Datasheet HTML 2Page - Renesas Technology Corp IPS2200 Datasheet HTML 3Page - Renesas Technology Corp IPS2200 Datasheet HTML 4Page - Renesas Technology Corp IPS2200 Datasheet HTML 5Page - Renesas Technology Corp IPS2200 Datasheet HTML 6Page - Renesas Technology Corp IPS2200 Datasheet HTML 7Page - Renesas Technology Corp IPS2200 Datasheet HTML 8Page - Renesas Technology Corp IPS2200 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Datasheet
IPS2200
Inductive Position Sensor IC
Aug.5.22
Page 2
Contents
1.
Pin Assignments............................................................................................................................................ 5
2.
Pin Descriptions ............................................................................................................................................ 5
3.
Absolute Maximum Ratings.......................................................................................................................... 7
4.
Operating Conditions .................................................................................................................................... 7
5.
Ambient Temperature Range........................................................................................................................ 8
6.
Electrical Characteristics.............................................................................................................................. 9
7.
Circuit Description....................................................................................................................................... 14
7.1
Overview.............................................................................................................................................. 14
8.
Sampling Rate, Resolution, Output Data Rate, and Propagation Delay ................................................ 17
9.
Output Modes............................................................................................................................................... 18
9.1
Analog Differential Sine-Cosine Analog Output Mode ........................................................................ 18
9.2
Analog Single Ended Sine-Cosine Analog Output Mode .................................................................... 19
9.3
Digital Incremental Differential AB Mode............................................................................................. 19
10. Operating at High Speed............................................................................................................................. 20
11. Block Diagram.............................................................................................................................................. 21
12. Connection Options .................................................................................................................................... 22
13. Digital Diagnostics and Programming Interfaces .................................................................................... 24
13.1 Supply Voltage Operation: 3.3V or 5V................................................................................................. 24
13.2 Half-Duplex SPI Interface .................................................................................................................... 24
13.3 I2C Interface ........................................................................................................................................ 25
13.3.1.
I2C with Address Selection (Default Setting) ........................................................................ 26
13.3.2.
I2C Interface with Interrupt (Programming Option) ............................................................... 27
14. Protection and Diagnostics ........................................................................................................................ 28
14.1 I/O Protection....................................................................................................................................... 28
15. Programming Options................................................................................................................................. 28
15.1 Lock Feature (Cyber Security)............................................................................................................. 28
16. Diagnostics................................................................................................................................................... 29
16.1 Internal Register and Memory Errors .................................................................................................. 30
16.2 LC Oscillator Frequency Out of Range................................................................................................ 30
17. Application Examples ................................................................................................................................. 31
18. Electromagnetic Compatibility (EMC) ....................................................................................................... 32
19. Package Outline Drawings.......................................................................................................................... 32
20. Marking Diagram.......................................................................................................................................... 32
20.1 Marking of Production Parts ................................................................................................................ 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com