Electronic Components Datasheet Search
  English  ▼

X  

DAC82002 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC82002
Description  DAC82002 16-Bit, Low-Glitch-Energy, Dual-Channel Voltage-Output, Unbuffered DAC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC82002 Datasheet(HTML) 5 Page - Texas Instruments

  DAC82002 Datasheet HTML 1Page - Texas Instruments DAC82002 Datasheet HTML 2Page - Texas Instruments DAC82002 Datasheet HTML 3Page - Texas Instruments DAC82002 Datasheet HTML 4Page - Texas Instruments DAC82002 Datasheet HTML 5Page - Texas Instruments DAC82002 Datasheet HTML 6Page - Texas Instruments DAC82002 Datasheet HTML 7Page - Texas Instruments DAC82002 Datasheet HTML 8Page - Texas Instruments DAC82002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
6.5 Electrical Characteristics
all minimum and maximum values at TA = –40°C to +85°C and all typical values at TA = 25°C, 2.7 V ≤ VDD ≤ 5.5 V, 2.0 V ≤
VREF ≤ 5.5 V , AGND = 0 V, and digital inputs at VDD or AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE
Resolution
16
Bits
INL
Integral nonlinearity
–2
2
LSB
DNL
Differential nonlinearity
–1
1
LSB
TUE
Total unadjusted error
–0.06
0.04
0.06
%FSR
Zero code error
–2.6
0.5
2.6
LSB
Zero code error temperature
coefficient
±0.05
ppm/°C
Gain error
–20
4
20
LSB
Gain error temperature coefficient
±0.5
ppm/°C
OUTPUT CHARACTERISTICS
VO
Output voltage
0
VREF
V
ZO
Output impedance
6.25
kΩ
DYNAMIC PERFORMANCE
ts
Output voltage settling time
To 1/2 LSB of FS, CL = 10 pF
1
µs
Output noise
DAC at midcode, TA = +25°C,
0.1 Hz to 10 Hz
1
μVPP
Output noise density
DAC at midcode, measured at 10 kHz
10
nV/√Hz
Code change glitch impulse
±1 LSB around major carry
0.5
nV-s
Digital feedthrough
0.5
nV-s
VOLTAGE REFERENCE INPUT
Reference input voltage
2.0
VDD
V
ZREF
Reference input impedance
5
kΩ
CREF
Reference input capacitance
75
pF
DIGITAL INPUTS
Hysteresis voltage
0.4
V
Input current
–5
5
µA
Pin capacitance
Per pin
10
pF
POWER
IDD
Power-supply current
VDD = 3 V
250
350
µA
VDD = 5 V
250
350
Power
VDD = 3 V
750
1050
µW
VDD = 5 V
1250
1750
www.ti.com
DAC82002
SBASAK1 – AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: DAC82002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com