Electronic Components Datasheet Search
  English  ▼

X  

DAC82002 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # DAC82002
Description  DAC82002 16-Bit, Low-Glitch-Energy, Dual-Channel Voltage-Output, Unbuffered DAC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC82002 Datasheet(HTML) 15 Page - Texas Instruments

Back Button DAC82002 Datasheet HTML 11Page - Texas Instruments DAC82002 Datasheet HTML 12Page - Texas Instruments DAC82002 Datasheet HTML 13Page - Texas Instruments DAC82002 Datasheet HTML 14Page - Texas Instruments DAC82002 Datasheet HTML 15Page - Texas Instruments DAC82002 Datasheet HTML 16Page - Texas Instruments DAC82002 Datasheet HTML 17Page - Texas Instruments DAC82002 Datasheet HTML 18Page - Texas Instruments DAC82002 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
8.2.1.3 Application Curves
Figure 8-2 uses a 1-kHz sine wave with a code range of 0x81FF ±0x7E00 to prevent voltage clipping. A 40-kHz
low-pass filter is also used.
Frequency (Hz)
20
30
40 50 60 7080 100
200
300 400 500
700
1000
2000
3000
5000 7000 10000
20000
-95
-90
-85
-80
-75
-70
-65
1-kHz sine wave with a code range of 0x81FF ±0x7E00
40-kHz low-pass filter
Figure 8-2. THD+N vs Frequency
Figure 8-3 uses a 1-kHz sine wave with a code range of 0x81FF ±0x7E00 to prevent voltage clipping. 32768
bins, 8 averages, and a 40-kHz low-pass filter are also used.
Frequency (Hz)
10
20
30 40 50
70
100
200
300
500 700 1000
2000 3000
5000
10000
2000030000 50000
50000
-150
-125
-100
-75
-50
-25
0
1-kHz sine wave with a code range of 0x81FF ±0x7E00
32768 bins, 8 averages, 40-kHz low-pass filter
Figure 8-3. FFT Amplitude vs Frequency
www.ti.com
DAC82002
SBASAK1 – AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: DAC82002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com