Electronic Components Datasheet Search
  English  ▼

X  

DAC82002 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC82002
Description  DAC82002 16-Bit, Low-Glitch-Energy, Dual-Channel Voltage-Output, Unbuffered DAC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC82002 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC82002 Datasheet HTML 12Page - Texas Instruments DAC82002 Datasheet HTML 13Page - Texas Instruments DAC82002 Datasheet HTML 14Page - Texas Instruments DAC82002 Datasheet HTML 15Page - Texas Instruments DAC82002 Datasheet HTML 16Page - Texas Instruments DAC82002 Datasheet HTML 17Page - Texas Instruments DAC82002 Datasheet HTML 18Page - Texas Instruments DAC82002 Datasheet HTML 19Page - Texas Instruments DAC82002 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
8.3 Power Supply Recommendations
The DAC82002 operate within the specified VDD supply range of 2.7 V to 5.5 V. The DAC82002 does not
require specific supply sequencing, but VREF must be less than VDD as noted in the Absolute Maximum
Ratings. The VDD supply must be well regulated and low noise. Switching power supplies and DC/DC
converters often have high-frequency glitches or spikes riding on the output voltage. In addition, digital
components create similar high-frequency spikes. This noise can easily couple into the DAC output voltage
through various paths between the power connections and analog output. To further minimize noise from the
power supply, include a 1-μF to 10-μF capacitor and 0.1-μF bypass capacitor.
8.4 Layout
8.4.1 Layout Guidelines
A precision analog component requires careful layout. The following list provides some insight into good layout
practices.
• Bypass the VDD to ground with a low ESR ceramic bypass capacitor. The typical recommended bypass
capacitance is 0.1-µF to 0.22-µF ceramic capacitor, with a X7R or NP0 dielectric.
• Bypass VREF to ground with low ESR ceramic bypass capacitors.
• Place power supplies and REF bypass capacitors close to the pins to minimize inductance and optimize
performance.
• The output pins VOUTA and VOUTB have relatively high impedance and are susceptible to high parasitic
capacitances. Use short and direct traces when routing VOUT.
8.4.2 Layout Example
1
2
3
4
10
9
8
7
VDD
GND
Decoupling
Capacitor
GND
VOUTA
Reference
Bypass
Capacitor
VOUTB
SYNC
SCLK
Pull-Down
Resistor
Ground and Power Planes Omitted for Clarity
Pull-up
Resistor
VDD
5
6
SDIN
GND
GND
Pull-Down
Resistor
(for Zero
Scale Reset)
DAC82002
Figure 8-4. Layout Example
DAC82002
SBASAK1 – AUGUST 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DAC82002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com