Electronic Components Datasheet Search
  English  ▼

X  

DAC82002 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC82002
Description  DAC82002 16-Bit, Low-Glitch-Energy, Dual-Channel Voltage-Output, Unbuffered DAC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC82002 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC82002 Datasheet HTML 10Page - Texas Instruments DAC82002 Datasheet HTML 11Page - Texas Instruments DAC82002 Datasheet HTML 12Page - Texas Instruments DAC82002 Datasheet HTML 13Page - Texas Instruments DAC82002 Datasheet HTML 14Page - Texas Instruments DAC82002 Datasheet HTML 15Page - Texas Instruments DAC82002 Datasheet HTML 16Page - Texas Instruments DAC82002 Datasheet HTML 17Page - Texas Instruments DAC82002 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
Generating accurate, stable, programmable dc voltages is a key requirement in most precision end equipment.
The DAC82002 is an excellent choice for such applications. The DAC82002 tiny package, high resolution,
fast settling, and simple interface makes this device a great choice for applications such as offset and gain
control, arbitrary waveform generation (AWG), closed-loop control, and more. With the aforementioned features,
the DAC82002 caters to a wide range of end equipment, such as battery testers, communications equipment,
factory automation and control, test and measurement, and more. Many compatible operational amplifiers can
be used as output buffers for the DAC82002, allowing for user customization.
8.2 Typical Application
8.2.1 Arbitrary Waveform Generator
Arbitrary waveform generation circuits are common in test and measurement equipment. These circuits are used
to generate ac waveforms to test devices. The key performance parameters of such circuits are THD, SNR, and
the update rate. The following figure shows a basic example of an AWG circuit using the DAC82002.
DAC82002
VDD
VREF
47 pF
100 nF
+
–
OPA2328
+
–
VOUTA
VOUTB
+5 V
+5 V
Figure 8-1. Arbitrary Waveform Generator
8.2.1.1 Design Requirements
• DAC output range: 0 V to 2.5 V
• THD+N at 1 kHz: > 91 dB
• Update rate: 200 kHz
8.2.1.2 Detailed Design Procedure
Figure 8-1 shows a simplified circuit diagram of an arbitrary waveform generator. The DAC82002 specifies a
THD+N of 91 dB at 1 kHz. The OPA2328 provides a great balance between fast settling, bandwidth, and voltage
and current noise. The buffer must have a negative voltage supply rail or an output offset to make sure the DAC
output is not clipped. Attach two decoupling capacitors as close as possible to the VREF pin. Use 100 nF for the
first capacitor to provide very good noise performance for the system. Use 47 pF for the other capacitor to allow
for a good dynamic response performance that improves any code-to-code glitch.
DAC82002
SBASAK1 – AUGUST 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DAC82002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com