Electronic Components Datasheet Search
  English  ▼

X  

F1792 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F1792
Description  RF Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1792 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F1792 Datasheet HTML 1Page - Renesas Technology Corp F1792 Datasheet HTML 2Page - Renesas Technology Corp F1792 Datasheet HTML 3Page - Renesas Technology Corp F1792 Datasheet HTML 4Page - Renesas Technology Corp F1792 Datasheet HTML 5Page - Renesas Technology Corp F1792 Datasheet HTML 6Page - Renesas Technology Corp F1792 Datasheet HTML 7Page - Renesas Technology Corp F1792 Datasheet HTML 8Page - Renesas Technology Corp F1792 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
F1792 Datasheet
© 2022 Renesas Electronics Corporation
3
February 9, 2022
Pin Descriptions
Table 1. F1792 Pin Descriptions
Number
Name
Description
1
RF_IN
RF input. Matched to 50 ohms. DO NOT apply DC to this pin.
2
RF_IN_rtn RF input transformer ground return. Ground this pin.
3, 4, 6, 8, 9,
10, 14
NC
Not connected.
5
GND
Ground this pin.
7, 18, 20, 24
VCC
Power Supply. Bypass to ground with appropriate capacitors as close as possible to pin
11
Gain_Select1 Gain select control pin, includes internal pull-down resistor. See gain select truth table for desired setting
12
Gain_Select2 Gain select control pin, includes internal pull-down resistor. See gain select truth table for desired setting
13
IFRef_Bias Connect recommended resistor value from this pin to ground to set the IF amplifier reference current
15
LO_IN_rtn LO input transformer ground return. Ground this pin.
16
LO_IN
Local Oscillator (LO) input. Matched to 50 ohms. DO NOT apply DC to this pin.
17
LO_ADJ
Connect zero ohm resistor to ground here for best performance
19
STBY
Standby Input (Low/Open = Power ON, High = Power OFF). Includes internal pull-down resistor
21, 22
IF_OUT-,
IF_OUT+
Mixer Differential IF Output. Connect pull-up inductors from each of these pins to VCC (see the Typical
Application Circuit)
23
IF_Bias
Connect the specified resistor from this pin to ground to set the bias for the Main IF amplifier
— EP
Exposed Pad. Internally connected to GND. Solder this exposed pad to a PCB pad that uses multiple ground
vias to provide heat transfer out of the device into the PCB ground planes. These multiple via grounds are
also required to achieve the specified RF performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com