Electronic Components Datasheet Search
  English  ▼

X  

F1792 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # F1792
Description  RF Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1792 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button F1792 Datasheet HTML 25Page - Renesas Technology Corp F1792 Datasheet HTML 26Page - Renesas Technology Corp F1792 Datasheet HTML 27Page - Renesas Technology Corp F1792 Datasheet HTML 28Page - Renesas Technology Corp F1792 Datasheet HTML 29Page - Renesas Technology Corp F1792 Datasheet HTML 30Page - Renesas Technology Corp F1792 Datasheet HTML 31Page - Renesas Technology Corp F1792 Datasheet HTML 32Page - Renesas Technology Corp F1792 Datasheet HTML 33Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
© Integrated Device Technology, Inc.
24-VFQFPN, Package Outline Drawing
4.0 x 4.0 x 0.90 mm Body,0.50mm Pitch,Epad 2.45 x 2.45 mm
NLG24P1, PSC-4192-01, Rev 02, Page 2
Package Revision History
Rev No.
Date Created
Description
Rev 02 New Format, Recalculate Land Pattern Change QFN to VFQFPN
Sept 13, 2018
Rev 01
Add Chamfer on Epad
Sept 9, 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com