Electronic Components Datasheet Search
  English  ▼

X  

F1792 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F1792
Description  RF Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1792 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F1792 Datasheet HTML 3Page - Renesas Technology Corp F1792 Datasheet HTML 4Page - Renesas Technology Corp F1792 Datasheet HTML 5Page - Renesas Technology Corp F1792 Datasheet HTML 6Page - Renesas Technology Corp F1792 Datasheet HTML 7Page - Renesas Technology Corp F1792 Datasheet HTML 8Page - Renesas Technology Corp F1792 Datasheet HTML 9Page - Renesas Technology Corp F1792 Datasheet HTML 10Page - Renesas Technology Corp F1792 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
F1792 Datasheet
© 2022 Renesas Electronics Corporation
7
February 9, 2022
Table 6. F1792 Specification (Low Band) Continued
Typical Application Circuit, VCC = +3.3V, TC = +25°C, FRF = 900MHz, FIF = 199MHz, FLO = 1099MHz, PLO = 0 dBm, PIN = -10dBm per tone for
all gain settings unless otherwise stated, STBY = LOW. EVkit IF transformer losses are de-embedded unless otherwise noted. Gain Setting =
G5 (~ 5 dB gain).
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Units
Output IP3
OIP3G5
Gain setting = G5
800kHz tone separation
32
dBm
Gain setting = G5
Tc = +105°C
LO power = -3dBm
Vcc = 3.15V
33
34
OIP3G2
Gain setting = G2
800kHz tone separation
30
Input P1dB
IP1dBG11
Gain setting = G11
IF_B Pout versus
IF_A w/ RF_A input
7.0
dB
IP1dBG8
Gain setting = G8
9.2
IP1dBG5 4
Gain setting = G5
10.4
11.8
IP1dBG2
Gain setting = G2
13.6
Maximum saturated output
power
Psat
Pin up to +20dBm
17
dBm
LO to IF leakage
ISOLI
47
48
dBm
2LO to IF leakage
ISOLI2
-38
-35
dBm
3LO to IF leakage
ISOLI3
-25
dBm
4LO to IF leakage
ISOLI4
-49
dBm
RF to IF leakage
ISORI
RF output power compared to measured
IF output power
-25
-23
dBc
LO to RF leakage
ISOLR
-52
dBm
RF Return Loss
RLRF
Single-Ended 50 ohm
-12
dB
NOTE 1: Items in min/max columns in bold italics are confirmed by Test.
NOTE 2: Items in min/max columns that are not bold/italics are confirmed by Design Characterization.
NOTE 3: JEDEC 3.3V and JEDEC 1.8V logic.
NOTE 4: Specification limits over voltage and temperature.
NOTE 5: Max limit at Tcase = +105°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com