Electronic Components Datasheet Search
  English  ▼

X  

F1792 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # F1792
Description  RF Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1792 Datasheet(HTML) 2 Page - Renesas Technology Corp

  F1792 Datasheet HTML 1Page - Renesas Technology Corp F1792 Datasheet HTML 2Page - Renesas Technology Corp F1792 Datasheet HTML 3Page - Renesas Technology Corp F1792 Datasheet HTML 4Page - Renesas Technology Corp F1792 Datasheet HTML 5Page - Renesas Technology Corp F1792 Datasheet HTML 6Page - Renesas Technology Corp F1792 Datasheet HTML 7Page - Renesas Technology Corp F1792 Datasheet HTML 8Page - Renesas Technology Corp F1792 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
F1792 Datasheet
© 2022 Renesas Electronics Corporation
2
February 9, 2022
Pin Assignments
Figure 2. Pin Assignments for 4 x 4 mm 24-VFQFPN Package – Top View
Red denotes internal connection
13
18
14
15
16
17
19
20
21
22
23
24
7
8
9
10
11
12
Bias
Control
6
1
4
3
2
5
LO_IN
GND
[LO_rtn]
NC
LO_ADJ
VCC
IFRef_Bias
NC
RF_IN
GND
[RF_IN_rtn]
NC
NC
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com