Electronic Components Datasheet Search
  English  ▼

X  

F1792 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # F1792
Description  RF Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1792 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button F1792 Datasheet HTML 14Page - Renesas Technology Corp F1792 Datasheet HTML 15Page - Renesas Technology Corp F1792 Datasheet HTML 16Page - Renesas Technology Corp F1792 Datasheet HTML 17Page - Renesas Technology Corp F1792 Datasheet HTML 18Page - Renesas Technology Corp F1792 Datasheet HTML 19Page - Renesas Technology Corp F1792 Datasheet HTML 20Page - Renesas Technology Corp F1792 Datasheet HTML 21Page - Renesas Technology Corp F1792 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
F1792 Datasheet
© 2022 Renesas Electronics Corporation
18
February 9, 2022
TOCs (-4-) Fixed IF=199MHz – Output IP2, Noise Figure
Figure 16. Output IP2 vs. Temperature and Gain
Setting
Figure 17. Noise Figure vs. Temperature and
Gain Setting
Figure 18. Output IP2 vs. Temperature and Gain
Setting (Vcc = 3.15, Tcase = 105°C)
Figure 19. Blocking Noise Figure (Max Gain,
LO=1700MHz, RF=1899MHz, Blocker=1999MHz,
25°C ambient)
30
35
40
45
50
55
60
65
70
75
80
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8
RF Frequency (GHz)
G=11dB / -40C
G=11dB / 25C
G=11dB / 105C
G=8dB / -40C
G=8dB / 25C
G=8dB / 105C
G=5dB / -40C
G=5dB / 25C
G=5dB / 105C
G=2dB / -40C
G=2dB / 25C
G=2dB / 105C
4
6
8
10
12
14
16
18
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8
RF Frequency (GHz)
G=11dB / -40C
G=11dB / 25C
G=11dB / 105C
G=8dB / -40C
G=8dB / 25C
G=8dB / 105C
G=5dB / -40C
G=5dB / 25C
G=5dB / 105C
G=2dB / -40C
G=2dB / 25C
G=2dB / 105C
30
35
40
45
50
55
60
65
70
75
80
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8
RF Frequency (GHz)
G=11dB / 3dBm LO
G=11dB / 0dBm LO
G=11dB / -6dBm LO
G=8dB / 3dBm LO
G=8dB / 0dBm LO
G=8dB / -6dBm LO
G=5dB / 3dBm LO
G=5dB / 0dBm LO
G=5dB / -6dBm LO
G=2dB / 3dBm LO
G=2dB / 0dBm LO
G=2dB / -6dBm LO
4
8
12
16
20
24
-20
-16
-12
-8
-4
0
4
8
Blocking Signal Level (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com