Electronic Components Datasheet Search
  English  ▼

X  

F2934 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F2934
Description  High Reliability SP2T RF Switch 50MHz to 6000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2934 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F2934 Datasheet HTML 1Page - Renesas Technology Corp F2934 Datasheet HTML 2Page - Renesas Technology Corp F2934 Datasheet HTML 3Page - Renesas Technology Corp F2934 Datasheet HTML 4Page - Renesas Technology Corp F2934 Datasheet HTML 5Page - Renesas Technology Corp F2934 Datasheet HTML 6Page - Renesas Technology Corp F2934 Datasheet HTML 7Page - Renesas Technology Corp F2934 Datasheet HTML 8Page - Renesas Technology Corp F2934 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
F2934 Datasheet
X0010823
Rev.1.1
Apr 28, 2021
Page 3
Figures
Figure 1. Block Diagram ...........................................................................................................................................1
Figure 2. Maximum RF Input Operating Power vs. Frequency ................................................................................7
Figure 3. RF1 - RFC Insertion Loss........................................................................................................................11
Figure 4. RF2 - RFC Insertion Loss........................................................................................................................11
Figure 5. RF1 Return Loss .....................................................................................................................................11
Figure 6. RF2 Return Loss .....................................................................................................................................11
Figure 7. RFC Return Loss.....................................................................................................................................11
Figure 8. RF1 to RF2 Isolation................................................................................................................................11
Figure 9. RF1 to RFC Isolation ...............................................................................................................................12
Figure 10. RF2 to RFC Isolation .............................................................................................................................12
Figure 11. Input IP3 ................................................................................................................................................12
Figure 12. P0.1dB Compression (50MHz)..............................................................................................................12
Figure 13. P0.1dB Compression (2GHz)................................................................................................................12
Figure 14. P0.1dB Compression (3GHz)................................................................................................................12
Figure 15. P0.1dB Compression (4GHz)................................................................................................................13
Figure 16. TON Switching Time ...............................................................................................................................13
Figure 17. TOFF Switching Time ..............................................................................................................................13
Figure 18. Typical Application Circuit .....................................................................................................................14
Figure 19. Evaluation Board – Top View ................................................................................................................15
Figure 20. Evaluation Board – Bottom View...........................................................................................................15
Tables
Table 1. Pin Descriptions..........................................................................................................................................4
Table 2. Switch Control Truth Table .......................................................................................................................10
Table 3. Bill of Materials (BOM)..............................................................................................................................17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com