Electronic Components Datasheet Search
  English  ▼

X  

F2934 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # F2934
Description  High Reliability SP2T RF Switch 50MHz to 6000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2934 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button F2934 Datasheet HTML 4Page - Renesas Technology Corp F2934 Datasheet HTML 5Page - Renesas Technology Corp F2934 Datasheet HTML 6Page - Renesas Technology Corp F2934 Datasheet HTML 7Page - Renesas Technology Corp F2934 Datasheet HTML 8Page - Renesas Technology Corp F2934 Datasheet HTML 9Page - Renesas Technology Corp F2934 Datasheet HTML 10Page - Renesas Technology Corp F2934 Datasheet HTML 11Page - Renesas Technology Corp F2934 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
F2934 Datasheet
X0010823
Rev.1.1
Apr 28, 2021
Page 8
2.4
Electrical Specifications
Typical Application Circuit, VDD = 5.0V, TC = +25°C, FRF = 2000MHz, Driven Port = RF1, RF2, input power =
10dBm, ZS = ZL
= 50Ω, PCB board trace and connector losses are de-embedded unless otherwise noted.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Logic Input High Threshold
VIH
1.1
3.6
V
Logic Input Low Threshold
VIL
-0.3
0.6
V
Logic Current
IIH, IIL
For each control pin
-1
+1
µA
DC Current
IDD
VDD = 3.3 V
205
400 [1]
µA
VDD = 5.0 V
250
450
Insertion Loss
RFC to RF1 / RF2
IL
50MHz
0.7
dB
1GHz
0.8
2GHz
0.8
1
3GHz
0.9
4GHz
0.9
6GHz
1.1
Isolation
RFC to RF1 / RF2
ISOCS
50MHz
74 [2]
79
dB
1GHz
71
74
2GHz
69
73
3GHz
65
70
4GHz
60
66
6GHz
50
53
Isolation
RF1 to RF2
ISOX
50MHz
86
dB
1GHz
62
2GHz
57
3GHz
53
4GHz
50
6GHz
46
Return Loss
RFC, RF1, RF2
RFRL
50MHz
25
dB
1GHz
28
2GHz
26
3GHz
22
4GHz
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com