Electronic Components Datasheet Search
  English  ▼

X  

F2934 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F2934
Description  High Reliability SP2T RF Switch 50MHz to 6000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2934 Datasheet(HTML) 4 Page - Renesas Technology Corp

  F2934 Datasheet HTML 1Page - Renesas Technology Corp F2934 Datasheet HTML 2Page - Renesas Technology Corp F2934 Datasheet HTML 3Page - Renesas Technology Corp F2934 Datasheet HTML 4Page - Renesas Technology Corp F2934 Datasheet HTML 5Page - Renesas Technology Corp F2934 Datasheet HTML 6Page - Renesas Technology Corp F2934 Datasheet HTML 7Page - Renesas Technology Corp F2934 Datasheet HTML 8Page - Renesas Technology Corp F2934 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
F2934 Datasheet
X0010823
Rev.1.1
Apr 28, 2021
Page 4
1.
Pin Information
1.1
Pin Assignments
VCTL
1
4
3
2
RFC
GND
GND
GND
E.P.
12
9
10
11
RF1
GND
RF2
50
Ω
50
Ω
1.2
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1
VCTL
Controls the selected path when EN is low. It is disabled when EN is logic high (see
Table 2).
2, 4, 6, 7, 8, 10,
11, 13, 14, 15
GND
Ground. Also, internally connected to the ground paddle. Ground this pin as close to the
device as possible.
3
RFC
RF Common Port. Matched to 50Ω when one of the two RF ports is selected. If this pin
is not 0V DC then an external coupling capacitor must be used.
5
EN
EN as a logic low allows VCTL to control the selected switch path. With EN set to logic
high puts the part in all paths off state and disables the control of VCTL (Table 2).
9
RF1
RF1 Port. Matched to 50Ω. If this pin is not 0V DC, then an external coupling capacitor
must be used.
12
RF2
RF2 Port. Matched to 50Ω. If this pin is not 0V DC, then an external coupling capacitor
must be used.
16
VDD
Power Supply. Bypass to GND with capacitors shown in the Typical Application Circuit
as close as possible to pin.
EP
Exposed Pad. Internally connected to GND. Solder this exposed pad to a PCB pad that
uses multiple ground vias to provide heat transfer out of the device and into the PCB
ground planes. These multiple ground vias are also required to achieve the specified
RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com