Electronic Components Datasheet Search
  English  ▼

X  

F2934 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # F2934
Description  High Reliability SP2T RF Switch 50MHz to 6000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2934 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button F2934 Datasheet HTML 6Page - Renesas Technology Corp F2934 Datasheet HTML 7Page - Renesas Technology Corp F2934 Datasheet HTML 8Page - Renesas Technology Corp F2934 Datasheet HTML 9Page - Renesas Technology Corp F2934 Datasheet HTML 10Page - Renesas Technology Corp F2934 Datasheet HTML 11Page - Renesas Technology Corp F2934 Datasheet HTML 12Page - Renesas Technology Corp F2934 Datasheet HTML 13Page - Renesas Technology Corp F2934 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
F2934 Datasheet
X0010823
Rev.1.1
Apr 28, 2021
Page 10
3.
The input 0.1dB compression point is a linearity figure of merit. For the maximum operating power levels, see Recommended
Operating Conditions.
4.
Spurious due to on-chip negative voltage generator. Typical generator fundamental frequency is 5.2MHz.
5.
FRF = 2GHz.
6.
Minimum time required between switching of states = 1 / Maximum Switching Rate.
3.
Control Mode
Table 2. Switch Control Truth Table
VCTL
EN
RFC to RF1
RFC to RF2
0
0
OFF
ON
1
0
ON
OFF
0
1
OFF
OFF
1
1
OFF
OFF
4.
Typical Performance Graphs
Unless otherwise noted for the typical performance graphs on the following pages, the following conditions
apply:
■
VDD = 5V
■
TC = +25°C (TC = Temperature of Exposed Paddle)
■
FRF = 2000MHz
■
ZS = ZL
= 50Ω
■
PIN = 0 dBm for all small signal tests.
■
PIN = +15 dBm/tone applied to RF1 or RF2 port for two tone linearity tests.
■
Two-tone frequency spacing = 1MHz.
■
RF1 or RF2 is the driven RF port and RFC is the output port.
■
All unused RF ports terminated into 50Ω.
■
For Insertion Loss and Isolation plots, RF trace and connector losses are de-embedded.
■
Plots for Isolation and Insertion Loss over temperature and voltage are for a typical path. For performance of a
specific path, refer to the online S-Parameter file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com