Electronic Components Datasheet Search
  English  ▼

X  

F2934 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # F2934
Description  High Reliability SP2T RF Switch 50MHz to 6000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2934 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button F2934 Datasheet HTML 5Page - Renesas Technology Corp F2934 Datasheet HTML 6Page - Renesas Technology Corp F2934 Datasheet HTML 7Page - Renesas Technology Corp F2934 Datasheet HTML 8Page - Renesas Technology Corp F2934 Datasheet HTML 9Page - Renesas Technology Corp F2934 Datasheet HTML 10Page - Renesas Technology Corp F2934 Datasheet HTML 11Page - Renesas Technology Corp F2934 Datasheet HTML 12Page - Renesas Technology Corp F2934 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
F2934 Datasheet
X0010823
Rev.1.1
Apr 28, 2021
Page 9
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
6GHz
21
Return Loss
RF1, RF2 terminated
RFTRL
50MHz
25
dB
1GHz
26
2GHz
28
3GHz
22
4GHz
18
6GHz
19
Input 1dB Compression
ICP1dB
50MHz
33
dBm
1GHz
35
2GHz
36
3GHz
36
4GHz
35
Input 0.1dB Compression [3]
ICP0.1dB
VDD = 5.0 V
50MHz
34
dBm
2GHz
33.5
3GHz
33.5
4GHz
33.5
VDD = 3.1 V
50MHz
33.5
2GHz
34
3GHz
34
4GHz
33
Input IP3
IIP3
RF Input = RF1 or RF2
PIN = +15 dBm/tone
Δ F = 1MHz
50MHz
62
dBm
1GHz
61
2GHz
62
2.5GHz
62.5
4GHz
61.5
Non-RF Driven Spurious [4]
SpurMAX
At any RF port when externally
terminated to 50Ω (RBW = 100Hz)
-114
dBm
Switching Time [5]
TSW
50% control to 90% RF
325
ns
50% control to 10% RF
255
Maximum Switching Rate [6]
25
kHz
1.
Items in minimum/maximum columns in bold italics are confirmed by Test.
2.
Items in minimum/maximum columns that are not bold/italics are confirmed by Design Characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com