Electronic Components Datasheet Search
  English  ▼

X  

ESD752 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ESD752
Description  ESD752 and ESD7x2 24-V, 2-Channel, ESD Protection With 5.7 A of 8/20 μs Surge Protection in a SOT-23 and SOT-323 / SC-70 Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD752 Datasheet(HTML) 5 Page - Texas Instruments

  ESD752 Datasheet HTML 1Page - Texas Instruments ESD752 Datasheet HTML 2Page - Texas Instruments ESD752 Datasheet HTML 3Page - Texas Instruments ESD752 Datasheet HTML 4Page - Texas Instruments ESD752 Datasheet HTML 5Page - Texas Instruments ESD752 Datasheet HTML 6Page - Texas Instruments ESD752 Datasheet HTML 7Page - Texas Instruments ESD752 Datasheet HTML 8Page - Texas Instruments ESD752 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
6.6 Electrical Characteristics
over TA = 25°C (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
DEVICE
MIN
TYP
MAX UNIT
VRWM
Reverse stand-off voltage
ESD752
–24
24
V
VBRF
Forward breakdown voltage(2)
IIO = 10 mA, IO to GND
ESD752
25.5
35.5
V
VBRR
Reverse breakdown voltage(2)
IIO = –10 mA, IO to GND
ESD752
–35.5
–25.5
V
VCLAMP
Clamping voltage(4)
IPP = 5.7 A, tp = 8/20 µs, IO to GND
ESD752
37
V
Clamping voltage(5)
IPP = 16 A, TLP, IO to GND or GND to IO
35
VHold
Holding voltage after snapback(3) TLP
ESD752
30
V
ILEAK
Leakage current
VIO = ±24 V, IO to GND
ESD752
-50
5
50
nA
RDYN
Dynamic resistance(5)
IO to GND
ESD752
0.35
Ω
GND to IO
0.35
CL
Line capacitance(6)
VIO = 0 V, f = 1 MHz, Vpp = 30 mV
ESD752
3
5
pF
(1)
Measurements made on both IO channels.
(2)
VBRF and VBRR are defined as the voltage when ± 10 mA is applied in the positive or negative direction respectively, before the device
latches into the snapback state.
(3)
VHOLD is defined as the lowest voltage on the TLP plot once the trigger threshold is reached and the device snapbacks and begins
clamping the voltage.
(4)
Device stressed with 8/20 μs exponential decay waveform according to IEC 61000-4-5.
(5)
Non-repetitive current pulse, Transmission Line Pulse (TLP); square pulse; ANSI / ESD STM5.5.1-2008.
(6)
Measured from IO to GND on both channels.
www.ti.com
ESD752
SLVSGX0A – MAY 2022 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ESD752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com