Electronic Components Datasheet Search
  English  ▼

X  

ESD752 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ESD752
Description  ESD752 and ESD7x2 24-V, 2-Channel, ESD Protection With 5.7 A of 8/20 μs Surge Protection in a SOT-23 and SOT-323 / SC-70 Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD752 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ESD752 Datasheet HTML 7Page - Texas Instruments ESD752 Datasheet HTML 8Page - Texas Instruments ESD752 Datasheet HTML 9Page - Texas Instruments ESD752 Datasheet HTML 10Page - Texas Instruments ESD752 Datasheet HTML 11Page - Texas Instruments ESD752 Datasheet HTML 12Page - Texas Instruments ESD752 Datasheet HTML 13Page - Texas Instruments ESD752 Datasheet HTML 14Page - Texas Instruments ESD752 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
8.2.3 Detailed Design Procedure
The ESD752 and ESD7x2 has a VRWM of ± 24 V to prevent the diode from being damaged during a short event
that can occur when one of the USB-PD slower speed lines (CC1, CC2, SBU1, SBU2, D+, and D-) is shorted
to VBUS. The bidirectional characteristic ensures both positive and negative polarity are protected. The low 1.7
pF capacitance of the ESD7x2 device ensures data rates up to 480 Mbps, which allows the designer to meet
the requirements for the D+ and D- signals. The ESD752 has an IPP = 5.7 A (8/20 µs) surge current capability
making it suitable for protecting the VBUS power rail.
8.2.4 Application Curves
Time(ns)
-100
0
100
200
300
400
500
600
700
-25
0
25
50
75
100
125
150
Vclamp_ESD at 30ns = 28V
Figure 8-2. +8-kV Clamped IEC Waveform
Time(ns)
-100
0
100
200
300
400
500
600
700
-175
-150
-125
-100
-75
-50
-25
0
25
Vclamp_ESD at 30ns = -32.9V
Figure 8-3. −8-kV Clamped IEC Waveform
Time ( s)
-5
0
5
10
15
20
25
30
35
40
0
0
0.5
5
1
10
1.5
15
2
20
2.5
25
3
30
3.5
35
4
40
4.5
45
5
50
5.5
55
6
60
Current
Voltage
Figure 8-4. 8/20 µs Surge Response at 5.7 A
9 Power Supply Recommendations
These are passive TVS diode-based ESD protection devices; therefore, there is no requirement to power it.
Ensure that the maximum voltage specifications for each pin are not violated.
10 Layout
10.1 Layout Guidelines
• The optimum placement is as close to the connector as possible.
– EMI during an ESD event can couple from the trace being struck to other nearby unprotected traces,
resulting in early system failures.
– The PCB designer must minimize the possibility of EMI coupling by keeping any unprotected traces away
from the protected traces which are between the TVS and the connector.
• Route the protected traces as straight as possible.
• Eliminate any sharp corners on the protected traces between the TVS and the connector by using rounded
corners with the largest radii possible.
– Electric fields tend to build up on corners, increasing EMI coupling.
• If pin 3 is connected to ground, use a thick and short trace for this return path.
www.ti.com
ESD752
SLVSGX0A – MAY 2022 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ESD752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com