Electronic Components Datasheet Search
  English  ▼

X  

ESD752 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ESD752
Description  ESD752 and ESD7x2 24-V, 2-Channel, ESD Protection With 5.7 A of 8/20 μs Surge Protection in a SOT-23 and SOT-323 / SC-70 Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD752 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ESD752 Datasheet HTML 2Page - Texas Instruments ESD752 Datasheet HTML 3Page - Texas Instruments ESD752 Datasheet HTML 4Page - Texas Instruments ESD752 Datasheet HTML 5Page - Texas Instruments ESD752 Datasheet HTML 6Page - Texas Instruments ESD752 Datasheet HTML 7Page - Texas Instruments ESD752 Datasheet HTML 8Page - Texas Instruments ESD752 Datasheet HTML 9Page - Texas Instruments ESD752 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6.7 Typical Characteristics
Vclamp (V)
5
10
15
20
25
30
35
40
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
tp = 100 ns, Transmission Line Pulse (TLP)
Figure 6-1. Positive TLP Curve
Vclamp (V)
5
10
15
20
25
30
35
40
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
tp = 100 ns, Transmission Line Pulse (TLP)
Figure 6-2. Negative TLP Curve
Time(ns)
-100
0
100
200
300
400
500
600
700
-25
0
25
50
75
100
125
150
Vclamp_ESD at 30ns = 28V
Figure 6-3. +8-kV Clamped IEC Waveform
Time(ns)
-100
0
100
200
300
400
500
600
700
-175
-150
-125
-100
-75
-50
-25
0
25
Vclamp_ESD at 30ns = -32.9V
Figure 6-4. −8-kV Clamped IEC Waveform
VR (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
Frequency = 1MHz, Vpp = 30 mV
Figure 6-5. Capacitance vs. Bias Voltage
VR (V)
-25
-20
-15
-10
-5
0
5
10
15
20
25
-10
-8
-6
-4
-2
0
2
4
6
8
10
TA = 150 C
ILEAK is less than 1 nA at -55 C and 25 C.
Figure 6-6. Leakage Current vs. Bias Voltage Across
Temperature
ESD752
SLVSGX0A – MAY 2022 – REVISED AUGUST 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ESD752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com