Electronic Components Datasheet Search
  English  ▼

X  

AM9468 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AM9468
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9468 Datasheet(HTML) 5 Page - Diodes Incorporated

  AM9468 Datasheet HTML 1Page - Diodes Incorporated AM9468 Datasheet HTML 2Page - Diodes Incorporated AM9468 Datasheet HTML 3Page - Diodes Incorporated AM9468 Datasheet HTML 4Page - Diodes Incorporated AM9468 Datasheet HTML 5Page - Diodes Incorporated AM9468 Datasheet HTML 6Page - Diodes Incorporated AM9468 Datasheet HTML 7Page - Diodes Incorporated AM9468 Datasheet HTML 8Page - Diodes Incorporated AM9468 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AM9468
Document number: DS38663 Rev. 1 - 2
5 of 16
www.diodes.com
May 2016
© Diodes Incorporated
AM9468
Electrical Characteristics (Note 11) (@TA = +25°C, V
DD = 12V, unless otherwise specified.) (Cont.)
Symbol
Characteristics
Conditions
Min
Typ
Max
Unit
VO
Output On Voltage, Source + Sink
IOUT =500mA (Source+Sink)
TA = -40°C to +105
oC
–
0.45
0.68
V
VRF
Current Limit Voltage
TA = -40°C to +105
oC
230
250
270
mV
VRGL
5VREG Output Voltage
I5VREG = 5mA, TA = -40°C to +105
oC
4.8
5
5.2
V
VRGH
REGH Output Voltage
IREGH = 5mA
VDD - 4.6
VDD - 4.2
VDD – 3.9
V
VHB
Hall Bias Output Voltage
IHB = 5mA, TA = -40°C to +105°C
1.20
1.25
1.30
V
IHIN
Hall Input Bias Current
–
–
–
0.5
µA
VINOFS
Hall Amplifier Output Offset Voltage
–
-5
–
5
mV
GH
Hall Amplifier Voltage Gain
–
48
52
–
dB
VPWML
PWM Pin Input Low
–
0
–
1.2
V
VPWMH
PWM Pin Input High
–
1.8
–
5VREG
V
IPWM
PWM Pin Bias Current
PWM=GND
-17
-10
-6
µA
tPWM_MIN
Input PWM Smallest Width
–
2
–
–
µs
fPWM_RANGE
External Input PWM Frequency Range
–
8
–
100
kHz
ICPC
CPWM Charge Current
TA = -40°C to +105°C
16.4
–
19.6
µA
ICPD
CPWM Discharge Current
TA = -40°C to +105°C
16.4
–
19.6
µA
RCP
CPWM Charge/Discharge Current Ratio
RCP = ICPC / ICPD
0.9
1
1.11
–
VCPH
CPWM Oscillation High Level
TA = -40°C to +105°C
3.35
3.5
3.65
V
VCPL
CPWM Oscillation Low Level
TA = -40°C to +105°C
0.95
1.0
1.05
V
VCPA
CPWM Oscillation Amplitude
TA = -40°C to +105°C
2.3
2.5
2.7
V
fCPWM
CPWM Oscillation frequency
CPWM = 100pF
–
36
–
kHz
ICONT
VCONT Pin Input Bias Current
–
–
–
0.3
µA
IRMI
RMI Pin Input Bias Current
–
–
–
0.3
µA
VRD
RD Output Low Voltage
IRD = 3mA
–
–
0.3
V
IRDL
RD Output Leakage Current
VRD = 18V
–
–
1
µA
VFG
FG Output Low Voltage
IFG = 3mA
–
–
0.3
V
IFGL
FG Output Leakage Current
VFG = 18V
–
–
1
µA
ΔV
FG
FG Comparator Hysteresis
–
–
±5
–
mV
tLCK_DET_ON
Output ON Time in Lock Detection
CPWM = 100pF
–
0.5
–
s
tOFF
Output OFF Time in Lock Mode
CPWM = 100pF
–
4.5
–
s
RT
Output OFF/ON Ratio in Lock Detection
CPWM = 100pF, RT = tACT / tDET
–
9
–
s
TJ_SDN_TH
IC Junction Temperature Thermal
Shutdown Threshold
–
–
+175
–
oC
TJ_SDN_HYST
IC Junction Temperature Thermal
Shutdown Hysteresis
–
–
+25
–
oC
Note:
11. Typical data is measured at TA = +25C, VDD = 12V. The maximum and minimum parameters values over operating temperature range are not tested
in production, they are guaranteed by design, characterization and process control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com