Electronic Components Datasheet Search
  English  ▼

X  

AM9468 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AM9468
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9468 Datasheet(HTML) 1 Page - Diodes Incorporated

  AM9468 Datasheet HTML 1Page - Diodes Incorporated AM9468 Datasheet HTML 2Page - Diodes Incorporated AM9468 Datasheet HTML 3Page - Diodes Incorporated AM9468 Datasheet HTML 4Page - Diodes Incorporated AM9468 Datasheet HTML 5Page - Diodes Incorporated AM9468 Datasheet HTML 6Page - Diodes Incorporated AM9468 Datasheet HTML 7Page - Diodes Incorporated AM9468 Datasheet HTML 8Page - Diodes Incorporated AM9468 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AM9468
Document number: DS38663 Rev. 1 - 2
1 of 16
www.diodes.com
May 2016
© Diodes Incorporated
AM9468
SINGLE PHASE FULL WAVE
DIRECT PWM MOTOR DRIVER
Description
The AM9468 is a high performance ultra low noise single phase
(single-coil) brushless direct current (BLDC) fan and motor driver. The
integrated full-bridge driver output stage uses a BTL linear driver
architecture to minimize audible switching noise and electromagnetic
interference (EMI) providing a low noise solution.
For system flexibility the motor speed can be controlled by either an
external PWM signal or by a DC voltage or from a thermistor network.
Based on the input signal, the AM9468 adjusts the output duty cycle.
To help protect the motor coil, the AM9468 provides Rotor Lock
Protection which shuts down the output drive if rotor lock is detected.
The device automatically re-starts when the rotor lock is removed. In
case of over voltage, the device shuts down the output drive and
enters standby mode to help prevent over voltage stress on the coil.
Over temperature shutdown provides thermal protection for the
device.
A Tachometer output is provided by open-drain Frequency Generator
(FG) Pin which allows external interface to monitor motor rotation or
speed. The FG output is the magnetic change frequency. Additionally,
a rotor lock detect output is provided by open-drain RD pin.
The AM9468 is available in power capable low profile TSSOP-16
package.
Features
Single-Phase Full Wave BLDC Fan/Motor Drive with BTL Output
(BTL Amplifier Gain = 49dB)
Low Noise Architecture
Wide Operating Voltage Range: 2.4V to 18V
PWM Speed Control with External PWM Input
DC Voltage Speed Control by Adjusting VCONT and RMI
Voltage
Hall Bias Output: VHB = 1.25V
Built-in Quick Start Circuit
Lock Protection with Automatic Restart
Frequency Generator (FG) Output
Rotor Lock Detection (RD) Output
Current Limit Circuit
RF Defines The Current Limit;
RF = 1Ω will Achieve 250mA Current Limit
Thermal Shut-Down (TSD) Circuit
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
REGH
5VREG
VCONT
RMI
FG
RD
HIN+
HB
HIN-
CPWM
PWM
GND
3
4
5
6
7
8
14
13
12
11
10
9
RF
OUT2
1
2
16
15
OUT1
VDD
TSSOP-16
Applications
•
9V/ 12V / 15V BLDC Cooling Fans and Motors
•
CPU Cooling Fans for Notebooks and Desktop BLDC Fans
•
Instruments Cooling Fans
•
Medium Voltage/ Low Power BLDC Motors
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds
Green


Similar Part No. - AM9468

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AM9469 DIODES-AM9469 Datasheet
977Kb / 16P
LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
April 2018
AM9469-T16E-13 DIODES-AM9469-T16E-13 Datasheet
977Kb / 16P
LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
April 2018
More results

Similar Description - AM9468

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4961 BCDSEMI-AM4961 Datasheet
198Kb / 16P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 BCDSEMI-AM4962 Datasheet
126Kb / 3P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4963 BCDSEMI-AM4963 Datasheet
53Kb / 2P
Single Phase Full Wave Direct PWM Motor Driver
AM4962 BCDSEMI-AM4962 Datasheet
380Kb / 16P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4964 DIODES-AM4964 Datasheet
1Mb / 21P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
Rev 2
AM4963 DIODES-AM4963 Datasheet
561Kb / 16P
Single Phase Full Wave Direct PWM Motor Driver
Rev 1
AM4962 DIODES-AM4962 Datasheet
380Kb / 16P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
Rev 1
AM4961 DIODES-AM4961 Datasheet
695Kb / 14P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
Rev 2
logo
Eutech Microelectronics...
EUM6898R EUTECH-EUM6898R Datasheet
81Kb / 1P
Single-Phase Full-Wave Motor Driver with Direct PWM Input
logo
Diodes Incorporated
AM9469 DIODES-AM9469 Datasheet
977Kb / 16P
LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com