Electronic Components Datasheet Search
  English  ▼

X  

AM9468 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AM9468
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9468 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AM9468 Datasheet HTML 8Page - Diodes Incorporated AM9468 Datasheet HTML 9Page - Diodes Incorporated AM9468 Datasheet HTML 10Page - Diodes Incorporated AM9468 Datasheet HTML 11Page - Diodes Incorporated AM9468 Datasheet HTML 12Page - Diodes Incorporated AM9468 Datasheet HTML 13Page - Diodes Incorporated AM9468 Datasheet HTML 14Page - Diodes Incorporated AM9468 Datasheet HTML 15Page - Diodes Incorporated AM9468 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AM9468
Document number: DS38663 Rev. 1 - 2
15 of 16
www.diodes.com
May 2016
© Diodes Incorporated
AM9468
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
Package Type: TSSOP-16
Ø0.760Depth0.050±0.02
R1
x)

C
DETAIL 'A'
PIN 1
e
b
E
E/2
E1
A2
A
D
A1
X
Y
SEE DETAIL 'A'
SEATING PLANE
GAUGE
PLANE
R
L
L1
L2
TSSOP-16
Dim
Min
Max
Typ
A
-
1.08
-
A1
0.05
0.15
-
A2
0.80
0.93
-
b
0.19
0.30
-
c
0.09
0.20
-
D
4.90
5.10
-
E
6.40 BSC
E1
4.30
4.50
-
e
0.65 BSC
L
0.45
0.75
-
L1
1.00 REF
L2
0.25 BSC
R / R1 0.09
-
-
X
-
-
1.350
Y
-
-
1.050
θ
0°
8°
-
θ1
5°
15°
-
θ2
0°
-
-
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
Package Type: TSSOP-16
X1
Y
Y1
X
1
C
Dimensions
Value
(in mm)
C
0.650
X
0.350
X1
4.900
Y
1.400
Y1
6.800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com