Electronic Components Datasheet Search
  English  ▼

X  

AM9468 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AM9468
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9468 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AM9468 Datasheet HTML 8Page - Diodes Incorporated AM9468 Datasheet HTML 9Page - Diodes Incorporated AM9468 Datasheet HTML 10Page - Diodes Incorporated AM9468 Datasheet HTML 11Page - Diodes Incorporated AM9468 Datasheet HTML 12Page - Diodes Incorporated AM9468 Datasheet HTML 13Page - Diodes Incorporated AM9468 Datasheet HTML 14Page - Diodes Incorporated AM9468 Datasheet HTML 15Page - Diodes Incorporated AM9468 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AM9468
Document number: DS38663 Rev. 1 - 2
14 of 16
www.diodes.com
May 2016
© Diodes Incorporated
AM9468
Thermal Performance
Circular PCB Dimensions
The circular
PCB diameter is 1.2” with the centre circular cut-out diameter of 0.53”. The Hall element space cut-out is 0.12”x0.08”. 2-layer
2oz.copper FR-4 PCB (1.6mm thickness) with partial copper flood on the bottom layer.
Custom Circular PCB
– Top View
Custom Circular PCB
– Bottom View
Ordering Information
AM9468 - X - X
Packing
Package
13 : Tape & Reel
T16: TSSOP-16
Product Name
Part Number
Package Code
Packaging
13” Tape and Reel
Quantity
Part Number Suffix
AM9468-T16-13
T16
TSSOP-16
2500/Tape & Reel
-13
Marking Information
(1)
Package Type: TSSOP-16
( Top View )
1
AM9468
YY WW X X
Logo
Product Name
8
WW : Week : 01~52; 52
YY : Year : 14,15,16~
X X : Internal Code
represents 52 and 53 week
16
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com