Electronic Components Datasheet Search
  English  ▼

X  

AM9468 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AM9468
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9468 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AM9468 Datasheet HTML 3Page - Diodes Incorporated AM9468 Datasheet HTML 4Page - Diodes Incorporated AM9468 Datasheet HTML 5Page - Diodes Incorporated AM9468 Datasheet HTML 6Page - Diodes Incorporated AM9468 Datasheet HTML 7Page - Diodes Incorporated AM9468 Datasheet HTML 8Page - Diodes Incorporated AM9468 Datasheet HTML 9Page - Diodes Incorporated AM9468 Datasheet HTML 10Page - Diodes Incorporated AM9468 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AM9468
Document number: DS38663 Rev. 1 - 2
7 of 16
www.diodes.com
May 2016
© Diodes Incorporated
AM9468
Operating Characteristics (Cont.)
VCONT/RMI Control
Truth Table for Various Modes with VCONT/RMI PIN
Note:
12. PWM2 is internal signal.
HIN+
HIN-
PWM2
(Note 12)
OUT1
OUT2
FG
MODE
H
L
H
H
L
L
Drive
L
L
L
Regenerate
L
H
H
L
H
OFF
Drive
L
L
L
Regenerate
PWM
OUT1
OUT2
FG
HIN+-HIN-
RD
VCONT
RMI
CPWM
HYS
HYS
PWM Duty=100%
VCONT Control
RMI Control
PWM Duty=0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com