Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 309 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 309 Page - Microchip Technology

Back Button DO16 Datasheet HTML 305Page - Microchip Technology DO16 Datasheet HTML 306Page - Microchip Technology DO16 Datasheet HTML 307Page - Microchip Technology DO16 Datasheet HTML 308Page - Microchip Technology DO16 Datasheet HTML 309Page - Microchip Technology DO16 Datasheet HTML 310Page - Microchip Technology DO16 Datasheet HTML 311Page - Microchip Technology DO16 Datasheet HTML 312Page - Microchip Technology DO16 Datasheet HTML 313Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 309
PIC24FJ256GA705 FAMILY
25.0 TRIPLE COMPARATOR
MODULE
The triple comparator module provides three dual input
comparators. The inputs to the comparator can be
configured to use any one of five external analog inputs
(CxINA, CxINB, CxINC, CxIND and CVREF+) and a
voltage reference input from one of the internal band
gap references or the comparator voltage reference
generator (VBG and CVREF).
The comparator outputs may be directly connected to
the CxOUT pins. When the respective COE bit equals
‘1’, the I/O pad logic makes the unsynchronized output
of the comparator available on the pin.
A simplified block diagram of the module in shown in
Figure 25-1. Diagrams of the possible individual
comparator configurations are shown in Figure 25-2
through Figure 25-4.
Each comparator has its own control register,
CMxCON (Register 25-1), for enabling and configuring
its operation. The output and event status of all three
comparators is provided in the CMSTAT register
(Register 25-2).
FIGURE 25-1:
TRIPLE COMPARATOR MODULE BLOCK DIAGRAM
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to the
“dsPIC33/PIC24 Family Reference Man-
ual”, “Scalable Comparator Module”
(DS39734), which is available from the
Microchip website (www.microchip.com).
The information in this data sheet
supersedes the information in the FRM.
C1
VIN-
VIN+
CxINB
CxINC
CxINA
CxIND
CVREF+
VBG
C2
VIN-
VIN+
C3
VIN-
VIN+
COE
C1OUT
Pin
CPOL
Trigger/Interrupt
Logic
CEVT
EVPOL<1:0>
COUT
Input
Select
Logic
CCH<1:0>
CREF
COE
C2OUT
Pin
CPOL
Trigger/Interrupt
Logic
CEVT
EVPOL<1:0>
COUT
COE
C3OUT
Pin
CPOL
Trigger/Interrupt
Logic
CEVT
EVPOL<1:0>
COUT
CVREF+
–
CVREFM<1:0>(1)
CVREFP(1)
+
01
00
10
11
00
11
1
0
0
1
Note 1:
Refer to the CVRCON register (Register 26-1) for bit details.
Comparator Voltage
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com