Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 313 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 313 Page - Microchip Technology

Back Button DO16 Datasheet HTML 309Page - Microchip Technology DO16 Datasheet HTML 310Page - Microchip Technology DO16 Datasheet HTML 311Page - Microchip Technology DO16 Datasheet HTML 312Page - Microchip Technology DO16 Datasheet HTML 313Page - Microchip Technology DO16 Datasheet HTML 314Page - Microchip Technology DO16 Datasheet HTML 315Page - Microchip Technology DO16 Datasheet HTML 316Page - Microchip Technology DO16 Datasheet HTML 317Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 313
PIC24FJ256GA705 FAMILY
bit 4
CREF: Comparator Reference Select bits (non-inverting input)
1 = Non-inverting input connects to the internal CVREF voltage
0 = Non-inverting input connects to the CxINA pin
bit 3-2
Unimplemented: Read as ‘0’
bit 1-0
CCH<1:0>: Comparator Channel Select bits
11 = Inverting input of the comparator connects to the internal selectable reference voltage specified
by the CVREFM<1:0> bits in the CVRCON register
10 = Inverting input of the comparator connects to the CxIND pin
01 = Inverting input of the comparator connects to the CxINC pin
00 = Inverting input of the comparator connects to the CxINB pin
REGISTER 25-1:
CMxCON: COMPARATOR x CONTROL REGISTERS
(COMPARATORS 1 THROUGH 3) (CONTINUED)
REGISTER 25-2:
CMSTAT: COMPARATOR MODULE STATUS REGISTER
R/W-0
U-0
U-0
U-0
U-0
HSC/R-0
HSC/R-0
HSC/R-0
CMIDL
—
—
—
—
C3EVT
C2EVT
C1EVT
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
HSC/R-0
HSC/R-0
HSC/R-0
—
—
—
—
—
C3OUT
C2OUT
C1OUT
bit 7
bit 0
Legend:
HSC = Hardware Settable/Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CMIDL: Comparator Stop in Idle Mode bit
1 = Discontinues operation of all comparators when device enters Idle mode
0 = Continues operation of all enabled comparators in Idle mode
bit 14-11
Unimplemented: Read as ‘0’
bit 10
C3EVT: Comparator 3 Event Status bit (read-only)
Shows the current event status of Comparator 3 (CM3CON<9>).
bit 9
C2EVT: Comparator 2 Event Status bit (read-only)
Shows the current event status of Comparator 2 (CM2CON<9>).
bit 8
C1EVT: Comparator 1 Event Status bit (read-only)
Shows the current event status of Comparator 1 (CM1CON<9>).
bit 7-3
Unimplemented: Read as ‘0’
bit 2
C3OUT: Comparator 3 Output Status bit (read-only)
Shows the current output of Comparator 3 (CM3CON<8>).
bit 1
C2OUT: Comparator 2 Output Status bit (read-only)
Shows the current output of Comparator 2 (CM2CON<8>).
bit 0
C1OUT: Comparator 1 Output Status bit (read-only)
Shows the current output of Comparator 1 (CM1CON<8>).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com