Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 316 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 316 Page - Microchip Technology

Back Button DO16 Datasheet HTML 312Page - Microchip Technology DO16 Datasheet HTML 313Page - Microchip Technology DO16 Datasheet HTML 314Page - Microchip Technology DO16 Datasheet HTML 315Page - Microchip Technology DO16 Datasheet HTML 316Page - Microchip Technology DO16 Datasheet HTML 317Page - Microchip Technology DO16 Datasheet HTML 318Page - Microchip Technology DO16 Datasheet HTML 319Page - Microchip Technology DO16 Datasheet HTML 320Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 316
 2016-2018 Microchip Technology Inc.
REGISTER 26-1:
CVRCON: COMPARATOR VOLTAGE REFERENCE CONTROL REGISTER
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
—
—
—
—
—
CVREFP
CVREFM1
CVREFM0
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CVREN
CVROE
CVRSS
CVR4
CVR3
CVR2
CVR1
CVR0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-11
Unimplemented: Read as ‘0’
bit 10
CVREFP: Comparator Voltage Reference Select bit (valid only when CREF is ‘1’)
1 = CVREF+ is used as a reference voltage to the comparators
0 = The CVR<4:0> bits (5-bit DAC) within this module provide the reference voltage to the comparators
bit 9-8
CVREFM<1:0>: Comparator Band Gap Reference Source Select bits (valid only when CCH<1:0> = 11)
00 = Band gap voltage is provided as an input to the comparators
01 = Reserved
10 = Reserved
11 = CVREF+ is provided as an input to the comparators
bit 7
CVREN: Comparator Voltage Reference Enable bit
1 = CVREF circuit is powered on
0 = CVREF circuit is powered down
bit 6
CVROE: Comparator VREF Output Enable bit
1 = CVREF voltage level is output on the CVREF pin
0 = CVREF voltage level is disconnected from the CVREF pin
bit 5
CVRSS: Comparator VREF Source Selection bit
1 = Comparator reference source, CVRSRC = CVREF+ – CVREF-
0 = Comparator reference source, CVRSRC = AVDD – AVSS
bit 4-0
CVR<4:0>: Comparator VREF Value Selection bits (0
 CVR<4:0>  31)
When CVRSS = 1:
CVREF = (CVREF-) + (CVR<4:0>/32)
 (CVREF+ – CVREF-)
When CVRSS = 0:
CVREF = (AVSS) + (CVR<4:0>/32)
 (AVDD – AVSS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com