Electronic Components Datasheet Search
  English  ▼

X  

DO16 Datasheet(PDF) 312 Page - Microchip Technology

Part # DO16
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO16 Datasheet(HTML) 312 Page - Microchip Technology

Back Button DO16 Datasheet HTML 308Page - Microchip Technology DO16 Datasheet HTML 309Page - Microchip Technology DO16 Datasheet HTML 310Page - Microchip Technology DO16 Datasheet HTML 311Page - Microchip Technology DO16 Datasheet HTML 312Page - Microchip Technology DO16 Datasheet HTML 313Page - Microchip Technology DO16 Datasheet HTML 314Page - Microchip Technology DO16 Datasheet HTML 315Page - Microchip Technology DO16 Datasheet HTML 316Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 312
 2016-2018 Microchip Technology Inc.
REGISTER 25-1:
CMxCON: COMPARATOR x CONTROL REGISTERS
(COMPARATORS 1 THROUGH 3)
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
HS/R/W-0
HSC/R-0
CEN
COE
CPOL
—
—
—
CEVT
COUT
bit 15
bit 8
R/W-0
R/W-0
U-0
R/W-0
U-0
U-0
R/W-0
R/W-0
EVPOL1
EVPOL0
—
CREF
—
—
CCH1
CCH0
bit 7
bit 0
Legend:
HS = Hardware Settable bit
HSC = Hardware Settable/Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CEN: Comparator Enable bit
1 = Comparator is enabled
0 = Comparator is disabled
bit 14
COE: Comparator Output Enable bit
1 = Comparator output is present on the CxOUT pin
0 = Comparator output is internal only
bit 13
CPOL: Comparator Output Polarity Select bit
1 = Comparator output is inverted
0 = Comparator output is not inverted
bit 12-10
Unimplemented: Read as ‘0’
bit 9
CEVT: Comparator Event bit
1 = Comparator event that is defined by EVPOL<1:0> has occurred; subsequent triggers and interrupts
are disabled until the bit is cleared
0 = Comparator event has not occurred
bit 8
COUT: Comparator Output bit
When CPOL = 0:
1 =VIN+ > VIN-
0 =VIN+ < VIN-
When CPOL = 1:
1 =VIN+ < VIN-
0 =VIN+ > VIN-
bit 7-6
EVPOL<1:0>: Trigger/Event/Interrupt Polarity Select bits
11 = Trigger/event/interrupt is generated on any change of the comparator output (while CEVT = 0)
10 = Trigger/event/interrupt is generated on transition of the comparator output:
If CPOL = 0 (non-inverted polarity):
High-to-low transition only.
If CPOL = 1 (inverted polarity):
Low-to-high transition only.
01 = Trigger/event/interrupt is generated on transition of comparator output:
If CPOL = 0 (non-inverted polarity):
Low-to-high transition only.
If CPOL = 1 (inverted polarity):
High-to-low transition only.
00 = Trigger/event/interrupt generation is disabled
bit 5
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com