Electronic Components Datasheet Search
  English  ▼

X  

D133A Datasheet(PDF) 31 Page - Microchip Technology

Part # D133A
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D133A Datasheet(HTML) 31 Page - Microchip Technology

Back Button D133A Datasheet HTML 27Page - Microchip Technology D133A Datasheet HTML 28Page - Microchip Technology D133A Datasheet HTML 29Page - Microchip Technology D133A Datasheet HTML 30Page - Microchip Technology D133A Datasheet HTML 31Page - Microchip Technology D133A Datasheet HTML 32Page - Microchip Technology D133A Datasheet HTML 33Page - Microchip Technology D133A Datasheet HTML 34Page - Microchip Technology D133A Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 31
PIC24FJ256GA705 FAMILY
2.4
Voltage Regulator Pin (VCAP)
Refer to Section 29.3 “On-Chip Voltage Regulator”
for details on connecting and using the on-chip
regulator.
A low-ESR (< 5Ω) capacitor is required on the VCAP pin
to stabilize the voltage regulator output voltage. The
VCAP pin must not be connected to VDD and must use a
capacitor of 10 µF connected to ground. The type can be
ceramic or tantalum. Suitable examples of capacitors
are shown in Table 2-1. Capacitors with equivalent
specifications can be used.
Designers may use Figure 2-3 to evaluate the ESR
equivalence of candidate devices.
The placement of this capacitor should be close to VCAP.
It is recommended that the trace length not exceed
0.25 inch (6 mm). Refer to Section 32.0 “Electrical
Characteristics” for additional information.
FIGURE 2-3:
FREQUENCY vs. ESR
PERFORMANCE FOR
SUGGESTED VCAP
.
Note:
This section applies only to PIC24FJ
devices with an on-chip voltage regulator.
10
1
0.1
0.01
0.001
0.01
0.1
1
10
100
1000 10,000
Frequency (MHz)
Note: Typical data measurement at +25°C, 0V DC bias.
TABLE 2-1:
SUITABLE CAPACITOR EQUIVALENTS (0805 CASE SIZE)
Make
Part #
Nominal
Capacitance
Base Tolerance
Rated Voltage
TDK
C2012X5R1E106K085AC
10 µF
±10%
25V
TDK
C2012X5R1C106K085AC
10 µF
±10%
16V
Kemet
C0805C106M4PACTU
10 µF
±10%
16V
Murata
GRM21BR61E106KA3L
10 µF
±10%
25V
Murata
GRM21BR61C106KE15
10 µF
±10%
16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com