Electronic Components Datasheet Search
  English  ▼

X  

D133A Datasheet(PDF) 86 Page - Microchip Technology

Part # D133A
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D133A Datasheet(HTML) 86 Page - Microchip Technology

Back Button D133A Datasheet HTML 82Page - Microchip Technology D133A Datasheet HTML 83Page - Microchip Technology D133A Datasheet HTML 84Page - Microchip Technology D133A Datasheet HTML 85Page - Microchip Technology D133A Datasheet HTML 86Page - Microchip Technology D133A Datasheet HTML 87Page - Microchip Technology D133A Datasheet HTML 88Page - Microchip Technology D133A Datasheet HTML 89Page - Microchip Technology D133A Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 86
 2016-2018 Microchip Technology Inc.
FIGURE 8-1:
PIC24F INTERRUPT VECTOR TABLES
TABLE 8-1:
TRAP VECTOR DETAILS
Vector Number
IVT Address
AIVT Address
Trap Source
0
000004h
BOA+04h
Oscillator Failure
1
000006h
BOA+06h
Address Error
2
000008h
BOA+08h
General Hardware Error
3
00000Ah
BOA+0Ah
Stack Error
4
00000Ch
BOA+0Ch
Math Error
5
00000Eh
BOA+0Eh
Reserved
6
000010h
BOA+10h
General Software Error
7
000012h
BOA+12h
Reserved
Legend: BOA = Base Offset Address for AIVT segment, which is the starting address of the last page of the
Boot Segment.
Legend:
BOA: Base Offset Address for AIVT, which is the starting address of the last page of the Boot Segment.
All addresses are in hexadecimal.
Note 1:
See Table 8-2 for the interrupt vector list.
2:
AIVT is only available when a Boot Segment is implemented.
Reset – GOTO Instruction
000000h
Reset – GOTO Address
000002h
Oscillator Fail Trap Vector
000004h
Address Error Trap Vector
General Hard Trap Vector
Stack Error Trap Vector
Math Error Trap Vector
Reserved
General Soft Trap Vector
Reserved
Interrupt Vector 0
000014h
Interrupt Vector 1
—
—
Interrupt Vector 52
00007Ch
Interrupt Vector 53
00007Eh
Interrupt Vector 54
000080h
—
—
Interrupt Vector 116
0000FCh
Interrupt Vector 117
0000FEh
Interrupt Vector Table (IVT)(1)
Alternate Interrupt Vector Table (AIVT)(1,2)
Reserved
BOA+00h
Reserved
BOA+02h
Oscillator Fail Trap Vector
BOA+04h
Address Error Trap Vector
General Hard Trap Vector
Stack Error Trap Vector
Math Error Trap Vector
Reserved
General Soft Trap Vector
Reserved
Interrupt Vector 0
BOA+14h
Interrupt Vector 1
—
—
Interrupt Vector 52
BOA+7Ch
Interrupt Vector 53
BOA+7Eh
Interrupt Vector 54
BOA+80h
—
—
Interrupt Vector 116
Interrupt Vector 117
BOA+FEh
(Start of Code)
(BOA+100h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com