Electronic Components Datasheet Search
  English  ▼

X  

D133A Datasheet(PDF) 17 Page - Microchip Technology

Part # D133A
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D133A Datasheet(HTML) 17 Page - Microchip Technology

Back Button D133A Datasheet HTML 13Page - Microchip Technology D133A Datasheet HTML 14Page - Microchip Technology D133A Datasheet HTML 15Page - Microchip Technology D133A Datasheet HTML 16Page - Microchip Technology D133A Datasheet HTML 17Page - Microchip Technology D133A Datasheet HTML 18Page - Microchip Technology D133A Datasheet HTML 19Page - Microchip Technology D133A Datasheet HTML 20Page - Microchip Technology D133A Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 17
PIC24FJ256GA705 FAMILY
TABLE 1-1:
DEVICE FEATURES FOR THE PIC24FJXXXGA702: 28-PIN DEVICES
Features
PIC24FJ64GA702
PIC24FJ128GA702
PIC24FJ256GA702
Operating Frequency
DC – 32 MHz
Program Memory (bytes)
64K
128K
256K
Program Memory
(instruction words, 24 bits)
22,528
45,056
88,064
Data Memory (bytes)
16K
Interrupt Sources
(soft vectors/NMI traps)
124
I/O Ports
Ports A, B
Total I/O Pins
22
Remappable Pins
18 (18 I/Os, 0 inputs only)
DMA
1 6-channel
16-Bit Timers
3(1)
Real-Time Clock and Calendar
(RTCC)
Yes
Cyclic Redundancy Check (CRC)
Yes
Input Capture Channels
3(1)
Output Compare/PWM Channels
3(1)
Input Change Notification Interrupt
21 (remappable pins)
Serial Communications:
UART
2(1)
SPI (3-wire/4-wire)
3(1)
I2C
2
Configurable Logic Cell (CLC)
2(1)
Parallel Communications
(EPMP/PSP)
No
Capture/Compare/PWM/Timer
Modules
4 Multiple CCPs
1 (6-output), 3 (2-output)
JTAG Boundary Scan
Yes
10/12-Bit Analog-to-Digital Converter
(A/D) Module (input channels)
10
Analog Comparators
3
CTMU Interface
Yes
Universal Serial Bus Controller
No
Resets (and Delays)
Core POR, VDD POR, BOR, RESET Instruction,
MCLR, WDT, Illegal Opcode, REPEAT Instruction,
Hardware Traps, Configuration Word Mismatch
(OST, PLL Lock)
Instruction Set
76 Base Instructions, Multiple Addressing Mode Variations
Packages
28-Pin QFN, UQFN, SOIC, SSOP and SPDIP(2)
Note 1:
Some peripherals are accessible through remappable pins.
2:
28-Pin SPDIP is available only in the highest Flash variant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com