Electronic Components Datasheet Search
  English  ▼

X  

D133A Datasheet(PDF) 43 Page - Microchip Technology

Part # D133A
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D133A Datasheet(HTML) 43 Page - Microchip Technology

Back Button D133A Datasheet HTML 39Page - Microchip Technology D133A Datasheet HTML 40Page - Microchip Technology D133A Datasheet HTML 41Page - Microchip Technology D133A Datasheet HTML 42Page - Microchip Technology D133A Datasheet HTML 43Page - Microchip Technology D133A Datasheet HTML 44Page - Microchip Technology D133A Datasheet HTML 45Page - Microchip Technology D133A Datasheet HTML 46Page - Microchip Technology D133A Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 43
PIC24FJ256GA705 FAMILY
4.1.1
PROGRAM MEMORY
ORGANIZATION
The program memory space is organized in word-
addressable blocks. Although it is treated as 24 bits
wide, it is more appropriate to think of each address of
the program memory as a lower and upper word, with
the upper byte of the upper word being unimplemented.
The lower word always has an even address, while the
upper word has an odd address (Figure 4-2).
Program memory addresses are always word-aligned
on the lower word and addresses are incremented or
decremented by two during code execution. This
arrangement also provides compatibility with data
memory space addressing and makes it possible to
access data in the program memory space.
4.1.2
HARD MEMORY VECTORS
All PIC24F devices reserve the addresses between
000000h and 000200h for hard-coded program execu-
tion vectors. A hardware Reset vector is provided to
redirect code execution from the default value of the PC
on a device Reset to the actual start of code. A GOTO
instruction is programmed by the user at 000000h, with
the actual address for the start of code at 000002h.
The PIC24FJ256GA705 devices can have up to two
Interrupt Vector Tables (IVT). The first is located from
addresses, 000004h to 0000FFh. The Alternate Inter-
rupt Vector Table (AIVT), which can be enabled by the
AIVTDIS Configuration bit, is located from 000104h to
0001FFh if no Boot Segment (BS) is present. If the user
has configured a Boot Segment, the AIVT will be
located at the address, (BSLIM<12:0> x 1024) – 508.
These vector tables allow each of the many device
interrupt sources to be handled by separate Interrupt
Service Routines (ISRs). A more detailed discussion of
the Interrupt Vector Tables is provided in Section 8.1
“Interrupt Vector Table”.
4.1.3
CONFIGURATION BITS OVERVIEW
The Configuration bits are stored in the last page loca-
tion of implemented program memory. These bits can be
set or cleared to select various device configurations.
There are two types of Configuration bits: system oper-
ation bits and code-protect bits. The system operation
bits determine the power-on settings for system-level
components, such as the oscillator and the Watchdog
Timer. The code-protect bits prevent program memory
from being read and written.
Table 4-2 lists all of the Configuration registers as well
as their Configuration register locations. Refer to
Section 29.0
“Special
Features”
for
the
full
Configuration register description for each specific
device.
TABLE 4-2:
CONFIGURATION WORD ADDRESSES
Configuration
Registers
PIC24FJ256GA70X
PIC24FJ128GA70X
PIC24FJ64GA70X
FSEC
02AF00h
015F00h
00AF00h
FBSLIM
02AF10h
015F10h
00AF10h
FSIGN
02AF14h
015F14h
00AF14h
FOSCSEL
02AF18h
015F18h
00AF18h
FOSC
02AF1Ch
015F1Ch
00AF1Ch
FWDT
02AF20h
015F20h
00AF20h
FPOR
02AF24h
015F24h
00AF24h
FICD
02AF28h
015F28h
00AF28h
FDEVOPT1
02AF2Ch
015F2Ch
00AF2Ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com