Electronic Components Datasheet Search
  English  ▼

X  

D133A Datasheet(PDF) 48 Page - Microchip Technology

Part # D133A
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D133A Datasheet(HTML) 48 Page - Microchip Technology

Back Button D133A Datasheet HTML 44Page - Microchip Technology D133A Datasheet HTML 45Page - Microchip Technology D133A Datasheet HTML 46Page - Microchip Technology D133A Datasheet HTML 47Page - Microchip Technology D133A Datasheet HTML 48Page - Microchip Technology D133A Datasheet HTML 49Page - Microchip Technology D133A Datasheet HTML 50Page - Microchip Technology D133A Datasheet HTML 51Page - Microchip Technology D133A Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 48
 2016-2018 Microchip Technology Inc.
TABLE 4-5:
SFR MAP: 0100h BLOCK
File Name
Address
All Resets
File Name
Address
All Resets
OSCILLATOR
PMD (CONTINUED)
OSCCON
0100
xxx0
PMD3
017C
0000
CLKDIV
0102
30x0
PMD4
017E
0000
OSCTUN
0108
0000
PMD5
0180
0000
OSCDIV
010C
0001
PMD6
0182
0000
OSCFDIV
010E
0000
PMD7
0184
0000
RESET
PMD8
0186
0000
RCON
0110
0003
TIMER
HLVD
TMR1
0190
0000
HLVDCON
0114
0000
PR1
0192
FFFF
PMP
T1CON
0194
0000
PMCON1
0128
0000
TMR2
0196
0000
PMCON2
012A
0000
TMR3HLD
0198
0000
PMCON3
012C
0000
TMR3
019A
0000
PMCON4
012E
0000
PR2
019C
FFFF
PMCS1CF
0130
0000
PR3
019E
FFFF
PMCS1BS
0132
0000
T2CON
01A0
0x00
PMCS1MD
0134
0000
T3CON
01A2
0x00
PMCS2CF
0136
0000
CTMU
PMCS2BS
0138
0000
CTMUCON1L
01C0
0000
PMCS2MD
013A
0000
CTMUCON1H
01C2
0000
PMDOUT1
013C
xxxx
CTMUCON2L
01C4
0000
PMDOUT2
013E
xxxx
REAL-TIME CLOCK AND CALENDAR (RTCC)
PMDIN1
0140
xxxx
RTCCON1L
01CC
xxxx
PMDIN2
0142
xxxx
RTCCON1H
01CE
xxxx
PMSTAT
0144
008F
RTCCON2L
01D0
xxxx
CRC
RTCCON2H
01D2
xxxx
CRCCON1
0158
00x0
RTCCON3L
01D4
xxxx
CRCCON2
015A
0000
RTCSTATL
01D8
00xx
CRCXORL
015C
0000
TIMEL
01DC
xx00
CRCXORH
015E
0000
TIMEH
01DE
xxxx
CRCDATL
0160
xxxx
DATEL
01E0
xx0x
CRCDATH
0162
xxxx
DATEH
01E2
xxxx
CRCWDATL
0164
xxxx
ALMTIMEL
01E4
xx00
CRCWDATH
0166
xxxx
ALMTIMEH
01E6
xxxx
REFO
ALMDATEL
01E8
xx0x
REFOCONL
0168
0000
ALMDATEH
01EA
xxxx
REFOCONH
016A
0000
TSATIMEL
01EC
xx00
PMD
TSATIMEH
01EE
xxxx
PMD1
0178
0000
TSADATEL
01F0
xx0x
PMD2
017A
0000
TSADATEH
01F2
xxxx
Legend:
x = undefined. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com