Electronic Components Datasheet Search
  English  ▼

X  

AT24C02C Datasheet(PDF) 40 Page - Microchip Technology

Part # AT24C02C
Description  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C02C Datasheet(HTML) 40 Page - Microchip Technology

Back Button AT24C02C Datasheet HTML 36Page - Microchip Technology AT24C02C Datasheet HTML 37Page - Microchip Technology AT24C02C Datasheet HTML 38Page - Microchip Technology AT24C02C Datasheet HTML 39Page - Microchip Technology AT24C02C Datasheet HTML 40Page - Microchip Technology AT24C02C Datasheet HTML 41Page - Microchip Technology AT24C02C Datasheet HTML 42Page - Microchip Technology AT24C02C Datasheet HTML 43Page - Microchip Technology AT24C02C Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
•
Part marking SOT23:
–
Changed 2CMWU to 2CMBU.
–
Changed W = Write Protection Feature to B = Write Protection.
•
Part marking PDIP and SOIC: Added @ = Country of Assembly.
•
Part marking TSSOP: Replaced and removed bottom mark.
•
Part marking UDFN: Added HM@.
•
Removed preliminary status.
•
Changed tI Max 40 to 50 in Table AC Characteristics.
Atmel Document 8700 Revision B (February 2010)
Corrected catalog numbering scheme and ordering information.
Atmel Document 8700 Revision A (December 2009)
Initial release of this document.
AT24C01C/AT24C02C
Revision History
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com